Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 77Page - Texas Instruments TMS320DM6446 Datasheet HTML 78Page - Texas Instruments TMS320DM6446 Datasheet HTML 79Page - Texas Instruments TMS320DM6446 Datasheet HTML 80Page - Texas Instruments TMS320DM6446 Datasheet HTML 81Page - Texas Instruments TMS320DM6446 Datasheet HTML 82Page - Texas Instruments TMS320DM6446 Datasheet HTML 83Page - Texas Instruments TMS320DM6446 Datasheet HTML 84Page - Texas Instruments TMS320DM6446 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 231 page
background image
3.5.6.10 HPI and EMIFA/ATA Pin Multiplexing
TMS320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS283F – DECEMBER 2005 – REVISED MARCH 2008
Table 3-30. UART2, VPFE, and GPIO Pin Multiplexing
PINMUX1 REGISTER
MULTIPLEXED PINS
BIT FIELDS
CCD[15]/
CCD[14]/
CCD[13]/
CCD[12]/
UART2
U2FLO
CI[7]/
CI[6]/
CI[5]/
CI[4]/
UART_RXD2
UART_TXD2
UART_CTS2
UART_RTS2
CCD[15]/
CCD[14]/
CCD[13]/
CCD[12]/
0
-
CI[7](1)
CI[6](1)
CI[5](1)
CI[4](1)
UART_RXD2
UART_TXD2
CCD[13]/
CCD[12]/
1
0
CI[5](1)
CI[4](1)
1
1
UART_RXD2
UART_TXD2
UART_CTS2
UART_RTS2
(1)
Functionality set by VPFE operating mode.
Table 3-31. UART1 and ATA Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER
MULTIPLEXED PINS
BIT FIELDS
UART_TXD1/
UART_RXD1/
ATAEN
UART1
DMACK
DMARQ
0
-
UART_TXD1
UART_RXD1
1
0
DMACK
DMARQ
1
1
UART_TXD1
UART_RXD1
As Table 3-32 shows, the UART0 pins are configurable for either UART0 transmit and receive data
functions or for GPIO.
Table 3-32. UART0 and GPIO Pin Multiplexing
PINMUX1 REGISTER BIT
MULTIPLEXED PINS
FIELD
UART_TXD0/
UART_RXD0/
UART0
GPIO[36]
GPIO[35]
0
GPIO[36]
GPIO[35]
1
UART_TXD0
UART_RXD0
When the HPIEN bit is set, the HPI module is given control of most of the EMIFA/ATA control pins as well
as the EMIFA/ATA data bus. Table 3-33 shows which pins the HPI controls. HPIEN is set to 1 when the
state of the BTSEL[1:0] pins = 10 is latched at the rising edge of reset. Also, this bit can be manipulated
after reset by software. When the ATAEN bit is set and HPIEN is 0, the ATA mode of operation for pins
shared with the HPI is available. EMIFA mode functionality for the shared HPI pins is set when both
HPIEN and ATAEN are '0'.
Table 3-33. HPI and EMIFA/ATA Pin Multiplexing
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELDS
HR/W/
HRDY/
HDS1/
HDS2/
HCNTLB/
HINT/
HD[15:0]/
HPI
ATA
HCS/
HHWIL/
HCNTLA/
INTRQ/
EM_WAIT/
DIOR/
DIOW/
ATA2/
ATA0/
DD[15:0]/
EN
EN
EM_CS2
EM_A[1]
EM_A[2]
EM_R/W
IORDY
EM_OE
EM_WE
EM_A[0]
EM_BA[0]
EM_D[15:0]
0
0
EM_CS2
EM_A[1](1)
EM_R/W
EM_WAIT
EM_OE
EM_WE
EM_A[2](1)
EM_A[0](1)
EM_BA[0]
EM_D[15:0]
0
1
EM_CS2
EM_A[1](1)
INTRQ
IORDY
DIOR
DIOW
EM_A[2](1)
EM_A[0](1)
ATA0
DD[15:0]
1
-
HCS
HHWIL
HR/W
HRDY
HDS1
HDS2
HCNTLA
HCNTLB
HINT
HD[15:0]
(1)
This pin shares GPIO functionality and is set by AEAW[4:0] as shown in Table 3-12, Table 3-13, and Table 3-14.
Submit Documentation Feedback
Device Configurations
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com