Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 83Page - Texas Instruments TMS320DM6446 Datasheet HTML 84Page - Texas Instruments TMS320DM6446 Datasheet HTML 85Page - Texas Instruments TMS320DM6446 Datasheet HTML 86Page - Texas Instruments TMS320DM6446 Datasheet HTML 87Page - Texas Instruments TMS320DM6446 Datasheet HTML 88Page - Texas Instruments TMS320DM6446 Datasheet HTML 89Page - Texas Instruments TMS320DM6446 Datasheet HTML 90Page - Texas Instruments TMS320DM6446 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 231 page
background image
5.2 Recommended Operating Conditions
TMS320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS283F – DECEMBER 2005 – REVISED MARCH 2008
MIN
NOM
MAX
UNIT
Supply voltage, Core (CVDD, VDDA1P1V, USB_VDDA1P2LDO
(1),
CVDD
1.14
1.2
1.26
V
CVDDDSP) (-594 devices)
(2)
Supply voltage, I/O, 3.3V (DVDD33, USB_DVDDA3P3)
3.15
3.3
3.45
V
DVDD
Supply voltage, I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL,
1.71
1.8
1.89
V
PLLVDD18, VDDA1P8V, USB_VDD1P8, MXVDD, M24VDD)
Supply ground (VSS, VSSA1P8V, VSSA1P1V, DDR_VSSDLL,
VSS
USB_VSSREF, USB_VSS1P8, USB_VSSA3P3, USB_VSSA1P2LDO,
0
0
0
V
MXVSS
(3), M24V
SS
(3))
DDR_VREF
DDR2 reference voltage(4)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to V
SS
VSS
V
DDR2 impedance control, connected via 200
Ω resistor to
DDR_ZN
DVDDR2
V
DVDDR2
DAC_VREF
DAC reference voltage input
0.475
0.5
0.525
V
DAC_RBIAS
DAC biasing, connected via 4 k
Ω resistor to V
SSA_1P8V
VSSA_1P8V
V
USB_VBUS
USB external charge pump input
4.75
5
5.25
V
High-level input voltage, I/O, 3.3V
2
V
VIH
High-level input voltage, non-DDR I/O, 1.8V
0.65DVDD
V
Low-level input voltage, I/O, 3.3V
0.8
V
VIL
Low-level input voltage, non-DDR I/O, 1.8V
0.35DVDD
V
Default
0
85
°C
TC
Operating case temperature
A version (A-513
-40
105
°C
device)
Default
20
600
MHz
FSYSCLK1
DSP Operating Frequency (SYSCLK1)
A version (A-513
20
513
MHz
device)
(1)
This pin is an internal LDO output and connected via 1
µF capacitor to USB_V
SSA1P2LDO.
(2)
Future variants of TI SOC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2, 1.26 V with
±3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Not incorporating a flexible supply may limit the system's ability to easily adapt to future versions of TI SOC
devices.
(3)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(4)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
Submit Documentation Feedback
Device Operating Conditions
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com