Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA4M2AD3CFM Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R7FA4M2AD3CFM
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AD3CFM Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA4M2AD3CFM Datasheet HTML 29Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 30Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 31Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 32Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 33Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 34Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 35Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 36Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Table 2.13
Outline of operation for each unit
Peripheral
Outline of operation
GPT
Operating modes is set to saw-wave PWM mode.
GPT is operating with PCLKD.
POEG
Only clear module stop bit.
AGT
AGT is operating with PCLKB.
RTC
RTC is operating with LOCO.
WDT
WDT is operating with PCLKB.
IWDT
IWDT is operating with IWDTCLK.
USBFS
Transfer types is set to bulk transfer.
USBFS is operating using Full-speed transfer (12 Mbps).
SCI
SCI is transmitting data in clock synchronous mode.
IIC
Communication format is set to I2C-bus format.
IIC is transmitting data in master mode.
CAN
CAN is transmitting and receiving data in self-test mode 1.
SPI
SPI mode is set to SPI operation (4-wire method).
SPI master/slave mode is set to master mode.
SPI is transmitting 8-bit width data.
QSPI
QSPI is issuing Fast Read Quad I/O Instruction.
SSIE
Communication mode is set to Master.
System word length is set to 32 bits.
Data word length is set to 20 bits.
SSIE is transmitting data using I2S format.
SDHI
Transfer bus mode is set to 4-bit wide bus mode.
SDHI is issuing CMD24 (single-block write).
ADC12
Resolution is set to 12-bit accuracy.
Data registers is set to A/D-converted value addition mode.
ADC12 is converting the analog input in continuous scan mode.
DAC12
DAC12 is outputting the conversion result while updating the value of data register.
TSN
TSN is operating.
CTSU
CTSU is operating in self-capacitance single scan mode.
ELC
Only clear module stop bit.
SCE9
SCE9 is executing built-in self test.
CRC
CRC is generating CRC code using 32-bit CRC32-C polynomial.
DOC
DOC is operating in data addition mode.
CAC
Measurement target clocks is set to PCLKB.
Measurement reference clocks is set to PCLKB.
CAC is measuring the clock frequency accuracy.
DMAC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DMAC is transferring data from SRAM0 to SRAM0.
DTC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DTC is transferring data from SRAM0 to SRAM0.
2.2.7.2
Example of Tj calculation
Assumption :
● Package 100-pin LQFP : θja = 55.1 °C/W
● Ta = 100 °C
● ICCmax = 40 mA
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 33 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com