Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA4M2AD3CFM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R7FA4M2AD3CFM
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AD3CFM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R7FA4M2AD3CFM Datasheet HTML 9Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 10Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 11Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 12Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 13Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 14Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 15Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 16Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Table 1.15
Pin functions (2 of 4)
Function
Signal
I/O
Description
GPT
GTETRGA, GTETRGB,
GTETRGC, GTETRGD
Input
External trigger input pins
GTIOCnA, GTIOCnB
I/O
Input capture, output compare, or PWM output pins
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
AGT
AGTEEn
Input
External event input enable signals
AGTIOn
I/O
External event input and pulse output pins
AGTOn
Output
Pulse output pins
AGTOAn
Output
Output compare match A output pins
AGTOBn
Output
Output compare match B output pins
RTC
RTCOUT
Output
Output pin for 1-Hz or 64-Hz clock
RTCICn
Input
Time capture event input pins
SCI
SCKn
I/O
Input/output pins for the clock (clock synchronous mode)
RXDn
Input
Input pins for received data (asynchronous mode/clock synchronous
mode)
TXDn
Output
Output pins for transmitted data (asynchronous mode/clock
synchronous mode)
CTSn_RTSn
I/O
Input/output pins for controlling the start of transmission and
reception (asynchronous mode/clock synchronous mode), active-
low.
CTSn
Input
Input for the start of transmission.
SCLn
I/O
Input/output pins for the IIC clock (simple IIC mode)
SDAn
I/O
Input/output pins for the IIC data (simple IIC mode)
SCKn
I/O
Input/output pins for the clock (simple SPI mode)
MISOn
I/O
Input/output pins for slave transmission of data (simple SPI mode)
MOSIn
I/O
Input/output pins for master transmission of data (simple SPI mode)
RXDXn
Input
Input pins for received data (Extended Serial Mode)
TXDXn
Output
Output pins for transmitted data (Extended Serial Mode)
SIOXn
I/O
Input/output pins for received or transmitted data (Extended Serial
Mode)
SSn
Input
Chip-select input pins (simple SPI mode), active-low
IIC
SCLn
I/O
Input/output pins for the clock
SDAn
I/O
Input/output pins for data
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 13 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com