Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA4M2AD3CFM Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R7FA4M2AD3CFM
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AD3CFM Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R7FA4M2AD3CFM Datasheet HTML 60Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 61Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 62Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 63Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 64Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 65Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 66Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 67Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Observation
point
200 pF to
600 pF
USB_DP
USB_DM
200 pF to
600 pF
1.5 K
3.6 V
27
Figure 2.51
Test circuit in low-speed mode
Table 2.34
USBFS full-speed characteristics (USB_DP and USB_DM pin characteristics)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, 2.7 ≤ VREFH0/VREFH ≤ AVCC0, USBCLK = 48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Input high voltage
VIH
2.0
—
—
V
—
Input low voltage
VIL
—
—
0.8
V
—
Differential input sensitivity
VDI
0.2
—
—
V
| USB_DP - USB_DM |
Differential common-mode range
VCM
0.8
—
2.5
V
—
Output
characteristics
Output high voltage
VOH
2.8
—
3.6
V
IOH = –200 µA
Output low voltage
VOL
0.0
—
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
—
2.0
V
Figure 2.52
Rise time
tLR
4
—
20
ns
Fall time
tLF
4
—
20
ns
Rise/fall time ratio
tLR / tLF
90
—
111.11 %
tFR/ tFF
Output resistance
ZDRV
28
—
44
Ω
USBFS: Rs = 27 Ω included
Pull-up and
pull-down
characteristics
DM pull-up resistance in device controller
mode
Rpu
0.900
—
1.575
kΩ
During idle state
1.425
—
3.090
kΩ
During transmission and
reception
USB_DP and USB_DM pull-down
resistance in host controller mode
Rpd
14.25
—
24.80
kΩ
—
USB_DP,
USB_DM
tFF
tFR
90%
10%
10%
90%
VCRS
Figure 2.52
USB_DP and USB_DM output timing in full-speed mode
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 64 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com