Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO50581BCD10 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO50581BCD10
Description  DIO50581A/B/D 10~300mA, Single Cell Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO50581BCD10 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO50581BCD10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DIO50581A/B/D
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO50581A/B/D• Rev.2.2
Pin Assignment
DFN2*2-10/DFN3*3-10
Figure 1. Top View
Pin Descriptions
Name
Description
Vbus
Power Supply.
The absolute maximum input voltage is 30V.
/CHG
Open-Drain Charge Status Output. This pin is low during charging.
/EN
Charger IC Enable. Drive to high to disable the charger. When this pin is driven to low or
left floating, the charger is enabled. This pin has an internal 2MΩ pull-down resistor.
ISET1, ISET2
When ISET1 and ISET2 are driven to different high and low levels, the charging state of IC is
different. See page 3 charge state.
This pin has an internal 1MΩ pull-down resistor.
GND
Ground.
NC
No Connect.
IBF
Terminal Current Programming Pin. This pin to an external resistor to program the charge
termination current.
ICHG
Charge current setting, charge current monitor and shutdown pin. The charging current is given
by IICHG= (1/RICHG)*200. The chip will be shutdown when ICHG pin floating. The maximum trickle
charging current does not exceed 1 / 20 of IICHG.
BAT
Charge Current Output. Provides charge current to the battery an regulates the final float voltage
to 4.4V/4.365V/4.2V.
GND(Exposed Pad)
This pin must be connected to GND, and punch to the main GND to facilitate heat dissipation.
IBF
ICHG
/EN
GND
ISET1
Vbus
BAT
/CHG
GND
2
3
10
9
8
1
ISET2
4
7
NC
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com