Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO50581BCD10 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO50581BCD10
Description  DIO50581A/B/D 10~300mA, Single Cell Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO50581BCD10 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO50581BCD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DIO50581A/B/D
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO50581A/B/D• Rev.2.2
Vbus=5V, RICHG=2K
RIBF
Icharge_terminated (mA)(Typ.)
60K
1.59
50K
2.17
42.9K
2.90
37.5K
3.55
33.3K
4.47
30K
5.69
27.3K
6.71
25K
7.56
23K
9.10
21.41K
10.43
20k
11.11
The DIO50581A/B/D constantly monitors the BAT pin voltage in standby mode. If this voltage drops below the
4.05V/4.25V/4.215V recharge threshold (VRECHRG), another charge cycle begins and current is once again
supplied to the battery. The state diagram of a typical charge cycle is as Figure 7.
Figure 7. State Diagram of a Typical Charge Cycle
Power
ICHG
U
ICHG Floating
OR
UVLO
Reco
OR
VLO St
Shutdown Mode
Charge Current : 0A
ICC: 50uA
IBAT: - 1uA
/CHG: High impedance
Standby Mode
ChargeCurrent : 0A
ICC: 130uA
IBAT: <-1uA
/CHG: High impedance
BAT<4.25V(4.215V/4.05V)
Constant Voltage Mode
Charge Current : Decrease
/CHG: Pull down
IBF<500mV
ON
BAT<2.5V
mmend
op
Constant- Current Mode
Charge Current : CC
/CHG: Pull down
BAT>=4.4V(4.365V/4.2V)
Trickle Charge Mode
Charge Current : 0.03C
/CHG: Pull down
2.5V<BAT<4.4V(4.365V/4.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com