Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO50581BCD10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO50581BCD10
Description  DIO50581A/B/D 10~300mA, Single Cell Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO50581BCD10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO50581BCD10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO50581BCD10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO50581A/B/D
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO50581A/B/D• Rev.2.2
ICharge_terminated
RBF=51kΩ, RICHG=10kΩ
2.9
mA
VCharge_terminated
RBF=51kΩ, RICHG=10kΩ
0.5
V
VFLOAT
Float Voltage
DIO50581A
4.365
4.4
4.435
V
DIO50581B
4.330
4.365
4.399
V
DIO50581D
4.165
4.2
4.235
V
ITRIKL
Trickle Charge Current
RICHG=5kΩ
2
mA
VTRIKL
Trickle Charge Voltage Threshold
RICHG=10kΩ
2.5
V
VTRIKL, HYS
Trickle Charge Voltage Hysteresis
RICHG=10kΩ
100
mV
VUVLO
UVLO Threshold
From Vbus Low to High
3.52
3.70
3.92
V
VUVLO, HYS
UVLO Hysteresis
140
mV
VOVP
OVP Threshold
From Vbus Low to High
6.4
V
VOVP_HYS
OVP Hysteresis
250
mV
VASD
Vbus-VBAT Lockout Threshold Voltage
Vbus from low to High
Vbus from High to Low
140
80
mV
mV
ΔVRECHRG
Auto Recharge Battery Voltage
100
150
200
mV
V/CHG
/CHG Pin Output Low Voltage
I/CHG=5mA
0.3
0.6
V
TLIM
Junction Temperature In CT Mode
160
°C
TSS
Soft-Start Time
RICHG=2kΩ
50
µs
TRECHRG
Recharge Comparator Filter Time
4
ms
TTERM
Termination Comparator Filter Time
7.5
ms
IICHG
ICHG Pin Pull-up Current
0.4
1.1
1.5
µA
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com