Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD02 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD02
Description  Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD02 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD02 Rev. A
Page 2
© 2019 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
The third goal was to maintain a stable laser output,
stable wavelength, and low noise for spatial and temporal
resolution of the system described in previous studies.
The last goal was to determine if the artery-targeted model
maintained the benefits of the traditional model to study
recovery mechanisms.
METHOD
To perform this study, test mice were separated into three
groups: Traditional, Targeted, and Sham (control group). A
total of 44 mice were used, and equal numbers of male and
female mice were selected randomly for each group/testing.
All IACUC guidelines (AUP-2015-00182) were followed for
the use of animals while being approved by the Animal Care
and Use Committee of the University of Texas at Austin.
Small coverglasses were installed to replace a small portion
of the skull over the forelimb area of the Motor Cortex (MC).
The mice were anesthetized and fastened to a frame with
vitals monitored and maintained at a constant level. Rose
Bengal was injected followed by illumination of the laser.
For traditional photothrombosis, a green laser (532 nm)
was coupled with an objective system to illuminate (20-
24mW) a region for 12-15 minutes. The sham group was
exposed to laser illumination without the injection of Rose
Bengal. Targeted thrombosis used a greed diode laser (532
nm) coupled to a digital micro-mirror device (DMD) used to
pattern the illumination (20 mW) over specific arteries on
the surface. The laser, used for patterned light with the
DMD, was driven by Wavelength Electronics' LDD400-1P
laser driver to provide stable power output and low noise to
the system. The targeted setup can be seen in
Figure 1(b).
Figure 1. Traditional
(a)
and
Targeted
(b)
Photothrombosis methods and CBF before and after
induced ischemia.
Although the traditional method succeeded in lowering the
blood supply and flow in the area of illumination, seen in
Figure 1(a), it disturbed the many arteries surrounding
the small target area.
Figure 1(b) shows the patterned
illumination on the arteries labeled: Anterior Cerebral Artery
(ACA) and Middle Cerebral Artery (Distal MCA). The lack
of blood supply, in just those targeted locations post-stroke,
is seen in the bottom right image.
Multi-exposure speckle imaging (MESI) was used to capture
and monitor CBF after illumination in both the targeted and
traditional groups. To perform MESI, a laser was used to
illuminate the portion exposed for photothrombosis. This
also triggered 15 different camera exposure settings. Light
scattered back into the CMOS camera through an objective
onto the sensor. Raw frames were converted to speckle
contrast images and eventually into inverse correlation time
(ICT) images shown in
Figure 2(a).
To test the effects of artery-targeted photothrombosis on the
forelimb recovery and function, mice were trained to reach
for seeds outside of their enclosures. After photothrombosis
the mice where given the same evaluations. Each trial the
mice received four attempts to grab the seed. A success
was when a mouse was able to bring the seed from the
training chamber to its mouth. A failure was when the
seed was missed, displaced, or dropped before brought to
the mouth. Results were plotted as the Mean ± Standard
Deviation (SD) success per attempt.
To assess vascular density change, images were taken
using a standard light microscope with a reflected
fluorescence system. Images of the peri-infarct cortex were
collected, and the area fraction of IB4-labeled vessels were
calculated. The magnitude of vascularization in peri-infarct
cortex compared to the sham group can be determined by
the vascular density results.
The size of the penumbra was studied by looking at the
CBF surrounding the tissue or arteries illuminated by
the laser. Measurements were grouped together in 100,
100-300, 300-500, and >500 µm from the ischemic core.
The distance depended on the animal size or location of
the core in relation to the cranial window. This is seen in
Figure 2(b). Ischemic core was defined as the area of
parenchyma (at 48 h) with CBF values ≤20% of baseline.
At the 48 h time point, the transition of ischemic tissue to
infarct core fate would be complete [1].



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com