Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD02 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD02
Description  Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD02 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD02 Rev. A
Page 3
© 2019 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 2. Reduced CBF from photothrombosis. (a) Blue indicates areas of lower CBF and red indicates areas of higher
CBF. (b) Post-ischemic CBF deficits represented as a percent of baseline ICT values measured at different distances. (c)
Parenchymal (tissue) CBF at 120 h across all measured distances. (d) CBF in occluded or obstructed arteries was higher
at 120 h in the targeted group compared to traditional. **p < 0.001, *p < 0.02.
RESULTS
Penumbra results
Measurements were taken of the CBF at 6, 48, and 120 h
following targeted and traditional photothrombosis at the
distances from the ischemic core marked in
Figure 2(b).
Differences were seen between the two groups at 48
and 120 h. CBF was significantly greater at 48 h at
distances >500 µm for the traditional group and slightly
greater at distances 300-500 µm compared to the targeted
group. At 120 h, the differences are clear between the two
groups: traditional showed much higher CBF compared to
the targeted group without much variation in distance.
This shows that the artery-targeted photothrombosis
created a larger penumbra for a longer amount of time.
This study resulted in a more graded distribution of CBF
following artery-targeted photothrombosis. This creates
better resemblance to human stroke for future studies
regarding effects and recovery post-stroke.
vascularization
results
Because the traditional photothrombosis model created
increased levels of vascular density, the goal was to
maintain these increased levels with the artery-targeted
model.
Figure 3. Vascular Density represented as the % area
of IB4-labeled blood vessels. *p < 0.02 versus Sham
Figure 3 shows the density levels (as an area fraction of
IB4-labeled vessels) of both photothrombosis groups as well
as the sham group. It is clear that the infarct groups both
had an increase in vascular density following infarct. Both
had similar results of increased levels which showed that
the targeted model can maintain the same vascularization
results as the traditional model. Because vessel densities
reflect vascularization and both groups had similar levels
of vessel densities, both models created similar magnitude
of vascularization even with the differences in CBF deficits
shown in
Figure 2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com