Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD02 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD02
Description  Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD02 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD02 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD02 Rev. A
Page 5
© 2019 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Photothrombosis, vascular penumbra, stroke, impairment,
artery targeted, peri-infarct vascularization, ischemia,
cerebral blood flow, laser driver
PRODUCT USED
LDD400-1P
REVISION HISTORY
Document Number: CS-LD02
REVISION
DATE
NOTES
A
October 2019
Initial Release
REFERENCES
1. T. A. Clark, C. Sullender, S. M. Kazmi, B. L. Speetles, M.
R. Williamson, D. M. Palmberg, A. K. Dunn, T. A. Jones,
“Artery targeted photothrombosis widens the vascular
penumbra, instigates peri-infarct vascularization and
models forelimb impairments,” Scientific Reports (2019)
9: 2323.
https://doi.org/10.1038/s41598-019-39092-7
2. J. Astrup, L. Symon, N. M. Branston, N. A. Lassen,
“Cortical evoked potential and extracellular K+ and H+
at critical levels of brain ischemia,” Stroke (1977) 8: 51-
57. https://doi.org/10.1161/01.STR.8.1.51
3. C. T. Sullender, A. E. Mark, T. A. Clark, T. V. Esipova,
S. A. Vinogradov, T. A. Jones, A. K. Dunn, "Imaging
of cortical oxygen tension and blood flow following
targeted photothrombotic stroke," Neurophotonics
(2018) 5 (3), 035003.
https://doi.org/10.1117/1.NPh.5.3.035003
4. M. Alaverdashvili, P. G. Paterson, M. P. Bradley,
“Laser system refinements to reduce variability in
infarct size in the rat photothrombotic stroke model.”
Journal of Neuroscience Methods (2015) 247: 58-66.
https://doi.org/10.1016/j.jneumeth.2015.03.029
USEFUL LINKS
•
LDD400 Product Page
WAVELENGTH'S ROLE
When it was essential to have high performance in laser
output and stability, researchers turned to the low noise
laser driver that offered excellent current stability in a
compact size. This provided stability for the small size and
area of illumination required to target individual arteries
which increased penumbra size for a photothrombosis
model better suited to human stroke.
The LDD400-1P provided up to 400 mA of current to the
laser with noise as low as 5 µA. Laser power stability was
crucial in controlling the results and minimizing variability
between test subjects regarding infarct size. Because
wavelength has been determined to greatly impact the
penetration depth of the illumination and noise was the
ultimate factor in spatial and temporal resolutions of
imaging, the LDD400-1P was the optimal choice to reduce
all factors hindering the previous methods/results.
With a size of approximately 1.3" x 2.05" x 0.43"
(33.0 x 52.1 x 10.9 mm) and a weight of less than 1 oz
(<28.3 grams), the driver is able to fit virtually anywhere.
The LDD400-1P has 50 ppm stability to provide precision
power output needed for the duration of patterned
illumination for this application. The laser driver aided
the researches in accomplishing their goal of finding a
photothrombosis stroke model (artery-targeted) that could
parallel human stroke.
OPEN ACCESS
The figures and data used for this case study were obtained
from Reference 1. The article (Ref. 1) is distributed under
terms of Creative Commons Attribution 4.0 International
License
(https://creativecommons.org/licenses/by/4.0/),
which permits unrestriced use, distribution, and reproduction
in any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
Figure 3 was cropped from original material. No other
changes were made to the other images.
They are
presented here in their original form.
All captions have been modified from their original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com