Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD15 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD15
Description  Sulfur Species Detection Using Three-Channel QCL Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD15 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD15 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD15 Rev. A
Page 2
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
METHOD
Researchers from the Institute of Chemical Technologies
and Analytics in Vienna, Austria, developed an ATEX-
certified sensor to simultaneously detect three sulfur-
containing compounds, hydrogen sulfide (H
2S), methyl
mercaptan (CH
3SH),
and carbonyl sulfide (COS), in
petrochemical process streams.1 The system integrates
three distributed-feedback (DFB) quantum cascade
lasers (QCLs), with each laser specifically tuned to the
mid-infrared absorption band of a single sulfur species.
As illustrated in
Figure 1, using one QCL per target
compound ensures full spectral coverage and high
selectivity for simultaneous detection, allowing the sensor
to distinguish each species even in complex gas mixtures.
This approach improves measurement reliability and
reduces the potential for cross-interference between gases.
Each QCL was further characterized for operational
current, emitted wavenumber, and optical power, as
shown in
Figure 2, to confirm precise alignment with
the absorption features of its target species. With the
shaded regions of each laser characterization, optimal
thermoelectric cooling settings and input currents
are realized. Operational points are within 20-30ºC,1
reducing any complex cooling system requirements.
The overall sensor system layout is presented in
Figure 3,
highlighting the three QCLs, optical paths, and the field-
programmable gate array (FPGA) that enables wavelength
modulation spectroscopy (WMS) with precise system timing
and synchronization. The QCLs were driven by Wavelength
Electronics' QCL OEM drivers, which provided ultra-
stable, low-noise current, which is essential for maintaining
precise wavelength and power output. This power
Figure 1. Absorption spectra of the target analytes (1 ppm-m, 25 °C, 1 bar) along with the tuning range of the employed
QCLs. (a) H
2S, (b) CH3SH, and (c) COS. Absorption spectra of the most important hydrocarbon matrices are plotted for CH4
and C
2H6 in (d) and for C3H6 and C3H8 in (e). All spectra are taken from the PNNL database.
1
Figure 2. Characterization of the cw-QCLs. Operational current, emitted wavenumber, and attributed optical power are
plotted in the lower parts of the figure. In addition, absorption spectra of the target and reference cell analytes, along with
the designated operational area (shaded), are plotted in the top parts.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com