Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD15 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD15
Description  Sulfur Species Detection Using Three-Channel QCL Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD15 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD15 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD15 Rev. A
Page 4
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
RESULTS
The calibration data used to relate WMS signal to
concentration across the tested range is shown in
Figure 5,
demonstrating a consistent response for each target
species. These calibration curves support the quantitative
conversion of the measured signal to concentration
and validate the linear response of the instrument over
the calibration interval, supporting the reported limits of
detection. Testing in the lab showed that the sensor can
achieve sub-part-per-million detection limits for all three
sulfur species: 0.3 ppmv for H
2S, 60 ppbv for CH3SH, and
5 ppbv for COS.
In addition to detection limits, noise-equivalent absorption
sensitivities (NEAS) provide more detailed parameters
and are defined as the minimum detectable absorption,
scaled by both the path length and the noise equivalent
detection bandwidth.1 NEAS for each sulfur species was
measured at 5.93 × 10-9 (H
2S), 4.65 × 10
-9
(CH
3SH), and
5.24 × 10-10 cm-1·Hz-1/2 (COS).
Figure 6 presents the
NEAS determination used to derive these sensitivities.
Field
deployment
with
a
sampled
industrial
hydrodesulfurization (HDS) unit confirmed that the ATEX-
certified sensor operates reliably under process conditions.
Unstable operational conditions provided dynamic
concentration fluctuations, fully testing the sensor design.
The combined laboratory calibration (
Fig. 5), NEA analysis
(
Fig. 6), and field validation demonstrate a compact, field-
deployable sensor capable of delivering simultaneous, real-
time sulfur-species data for petrochemical operations.
Figure 5. Calibration curves of 0-40 ppmv H
2S, 0-15
ppmv CH
3SH, and 0-250 ppbv COS in N2. The calculated
LOD (3σ) are 0.3 ppmv for H
2S, 60 ppbv for CH3SH, and
5ppbv for COS.1
Figure 6. Determination of the noise-equivalent
absorption sensitivity (NEAS) of (a) H
2S, (b) CH3SH, and
(c) COS.1
WAVELENGTH'S ROLE
Researchers utilized three Wavelength Electronics
QCL OEM Series drivers to operate the DFB QCLs.
These
compact,
low-noise
drivers
provided
the
precise current control required for stable wavelength
modulation spectroscopy. Because detection sensitivity
depends directly on laser current stability, the low
current noise of the OEM drivers was essential to
achieving ppbv-level limits of detection. Customizable
current ranges from 500 mA to 2 A are available,
and RMS noise levels range from 0.4 µA to 1.3 µA.
The OEM driver form factor also supported the system’s
compact, field-deployable design. By supplying each
QCL with reliable, stable drive current in a space-saving
package, the drivers enabled simultaneous operation of
three independent lasers without adding unnecessary
bulk or complexity. The QCL OEM driver series also
provides maximum safety for the user and the laser with
current limits, protection circuitry, over-temperature,
and electrical fault protection. This combination of fully
featured controllers, engineering support, and responsive
technical assistance illustrates how Wavelength Electronics
collaborates with high-tech researchers and manufacturers
to successfully execute complex, strategic projects while
ensuring reliable performance in challenging environments.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com