Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD15 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD15
Description  Sulfur Species Detection Using Three-Channel QCL Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD15 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD15 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD15 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD15 Rev. A
Page 5
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Infrared laser spectroscopy, quantum cascade lasers,
QCL, laser sensor, hydrogen sulfide, carbonyl sulfide,
methyl mercaptan, methane, HDS, FCC, process
monitoring, QCL OEM, laser driver, FPGA
PRODUCTS USED
QCL OEM Series
REVISION HISTORY
Document Number: CS-LD15
REVISION
DATE
NOTES
A
September 2025
Initial Release
REFERENCES
1. Moser, H.; Waclawek, J.P.; Pölz, W.; Lendl, B. ATEX-
Certified, FPGA-Based Three-Channel Quantum
Cascade Laser Sensor for Sulfur Species Detection in
Petrochemical Process Streams. Sensors 2025,
25,
635. https://doi.org/10.3390/s25030635
USEFUL LINKS
•
QCL OEM Product Page
PERMISSIONS
Figures 1 - 6 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the captions or images. They are
presented here in their original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com