Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC01 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC01
Description  Utilizing Quantum Cascade Lasers for Gas Sensing in the Mid-Infrared
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC01 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC01 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC01 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC01 Datasheet HTML 3Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Case Study CS-LDTC01 Rev. A
Page 2
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
HOW?
In order to take advantage of the isolated absorption bands
of both N
2O and CO, a wavelength range in the mid-IR was
chosen. This fit well with the utilization of a QCL for the
optical sensor. The QCL chosen had a center wavelength
of 4.5μm.
Real-time calibration (for changing conditions in the field),
was made feasible by an in-line acetylene (C
2H2) reference
cell, which was placed after the output of the QCL.
Acetylene has a well-known spectra in this wavelength
range, and is not naturally abundant, allowing calibration of
the sensor based on the known values that the acetylene
cell should produce.
Utilizing LabVIEWTM software, wavelength modulation
spectroscopy was used to simultaneously detect both the
second and fourth harmonic absorption spectra of the three
gases under consideration. The LabVIEW software was
able to model and fit (at 10Hz) the concentrations of nitrous
oxide, carbon monoxide, and acetylene.
To make the sensing system portable, an open-path
multi-pass sensing system was chosen over a closed-path
system. Closed path systems require large vacuums and
other parts that make the system not easily portable. An
open-path system allows the sensor to be field-deployable,
and to take real-time measurements. In addition to the
sensing system, the researchers used a weather station
to monitor the temperature and humidity of the location
where the measurements were taken. This allowed the
researchers to see how water vapor influenced their
measurements.
HTC
3000
QCL
1000
OEM
QCL
C
2H2 Cell
Multi-Pass
Cell
Detector
LabVIEW
Automation
Figure 1. Utilizing the QCL1000 OEM and the HTC3000
to precisely drive the QCL and maintain its temperature,
the researchers were able to create a high-accuracy,
portable atmospheric gas sensing system as shown.
LabVIEW is a trademark of National Instruments.
CO
N
2O
C
2H2
Example Measured Spectrum
Figure 2. The region chosen had isolated absorption
bands for carbon monoxide (CO), nitrous oxide (N
2O),
and acetylene (C
2H2).
The overall spectra can be
decomposed into the three original absorption bands
due to the separation between them. ***Simulated data.
Example Measured N
2O
Example Rainfall Rate
Figure 3. Rainfall during field-testing showed a
corresponding increase in N
2O levels. ***Simulated data.
Example Measured N
2O
Example Measured CO
Figure 4. A strong linear correlation between N
20 and
CO levels was found. ***Simulated data.
***For actual data, see Tao et al,
Reference 3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com