Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC01 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC01
Description  Utilizing Quantum Cascade Lasers for Gas Sensing in the Mid-Infrared
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC01 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC01 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC01 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC01 Datasheet HTML 3Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Case Study CS-LDTC01 Rev. A
Page 3
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Quantum Cascade Laser, nitrous oxide, N
2O, carbon
monoxide, CO, atmospheric sensing, temperature
control, laser driver, low noise, thermoelectrically
cooled, wavelength modulation spectroscopy, infrared,
greenhouse gas detection, global warming
PRODUCTS USED
HTC3000
QCL1000 OEM
REVISION HISTORY
Document Number: CS-LDTC01
REVISION
DATE
NOTES
A
April 2017
Initial Release
USEFUL LINKS
1. HTC3000 Product Page
2. QCL1000 OEM Product Page
3. Lei Tao, Kang Sun, M. Amir Khan, David J. Miller, and
Mark A. Zondlo, "Compact and portable open-path
sensor for simultaneous measurements of atmospheric
N2O and CO using a quantum cascade laser," Opt.
Express
20, 28106-28118 (2012)
WAVELENGTH SOLUTIONS
The performance of the QCL-based sensor rests on the
QCL itself. The QCL will not function optimally if it is not
accurately temperature-controlled and driven with low-noise
current. As such, both the temperature controller and QCL
driver should be chosen to minimize noise and maximize
stability.
The center wavelength of QCLs is inherently dependent
on the operating temperature of the QCL. A varying
temperature changes the energy gaps in the semiconductor
layers of the QCL, and thus, changes the center wavelength.
So, for a stable QCL, the operating temperature must be
stable as well. For this application, the researchers required
stable temperature at 40°C, and chose to use the HTC3000,
which has stability as low as 0.0009°C.
QCLs require a specific driver that is designed for low-noise
current supply to the laser. If there is noise in the current
supply, that noise will be translated to instability in the output
of the QCL, causing linewidth broadening. The low-noise
laser driver that was chosen was the QCL1000 OEM. This
driver is specifically engineered to have the lowest noise on
the market, with RMS Noise Current of 0.7μA, and Average
Noise Current Density of 2.0 nA/√Hz, giving the researchers
the narrow linewidth required for this application.
Optimally controlling the temperature and providing low-
noise current to the QCL enabled repeatable scans, which
was crucial to the success of the project.
In addition to the stable temperature control and low-
noise laser driver, the size and mass of the components
chosen was important for this application. By choosing
the HTC3000 and the QCL1000 OEM, the researchers
were able to fit both the temperature controller and the
laser driver into a single box, simplifying their setup and
minimizing the footprint required for their detection system.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com