| Electronic Components Datasheet Search |
|
CS-LDTC06 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LDTC06 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 4 page ![]() Case Study CS-LDTC06 Rev. A Page 2 © 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com satellites is not immune to these problems. Another method uses an in-situ technique: balloons. This technique brings the measurement instrument to the ozone layer to collect data locally. This can be effective for measurements in the stratosphere (although it can be limited by altitude and cannot measure the upper limit of the ozone layer), but for measuring the concentration of ozone in the troposphere easier methods can be utilized with the same precision. There are techniques that exclude lasers, but these methods can only be operated in the daylight if they use radiation absorption of the sun's light or reflection measurements. These methods have reduced sensitivity and limited altitude range. Some systems use visible light absorption from the sun. If measuring the ozone in the stratosphere, the measurement needs to be taken at a low sun position because the path through the stratosphere needs to be as long as possible. Even so, the relatively weak absorption in the visible portion of the solar spectrum limits sensitivity. There are light detection and ranging (LiDAR) techniques currently in use by NASA.2 The current research grade systems require a large amount of maintenance which disrupt continuous measurements. These must be operated by scientists and researchers with vast physics background, minimizing the ease-of-use of the systems. Most of the research grade systems do not have high repetition rates of the laser pulses. Details such as low optical power and optic burning are other parameters than can cause problems for the user. Commercial Differential Absorption LiDAR systems are now available from Bridger Photonics which resolve these issues. DIFFERENTIAL ABSORPTION LIDAR Differential Absorption LiDAR (DIAL) is used to measure and map ozone in the atmosphere using ground-based, airborne, and even space based systems. Rather than simply measuring the scattering properties of traditional LiDAR methods, DIAL utilizes absorption of light in ozone to analyze the concentration in the atmosphere at greater distances. DIAL measurements not only give time-of- flight data, but also give the concentration at the location measured. Two separate wavelengths are used in the system as ozone absorption of light is wavelength dependent. Figure 2 shows this relationship with two sample wavelengths. One wavelength will be absorbed more strongly by the ozone than the other. A nonlinear conversion technique is used to split the laser into two beams with two different wavelengths. Figure 2. Ozone Absorption Spectrum - how the absorption coefficient varies with wavelength (example wavelength pair: on and off)3. Hartley, Huggins, and Chappuis are names of specific absorption bands of ozone. Depending on the sensitivity of the DIAL system, these wavelengths can be as close as a few nanometers. It is common to use ultra-violet wavelengths that have the greatest absorption in ozone. Figure 3 shows a simple DIAL diagram. Receiver Ozone in atmosphere Wavelength On Wavelength O On λ O λ λ Laser Nonlinear Conversion Figure 3. DIAL illustration of measuring ozone concentration The difference (or relative change) between the intensities of both signals is used to determine the concentration of ozone in the atmosphere. The altitude for mapping the ozone is determined using the LiDAR aspect of the system. NASA currently has a few ozone research-grade DIAL systems in place, but they hope to soon have a network of commercially available ozone DIAL systems.2 The ozone concentration across the globe can be mapped in a 3D image by scanning across wide areas using multiple systems in the NASA network. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |