Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC06 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC06
Description  Differential Absorption LiDAR for NASA Ozone Mapping
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC06 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Case Study CS-LDTC06 Rev. A
Page 4
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Differential Absorption Lidar, DIAL, ozone, atmosphere,
remote sensing, pump laser, pulse, dual wavelength,
controller, troposphere
PRODUCTS USED
PTC10K-CH
LD15CHA
REVISION HISTORY
Document Number: CS-LDTC06
REVISION
DATE
NOTES
A
July 2020
Initial Release
REFERENCES
1. Geography, "What Is Ozone and Why Is It So
Important,"
https://ozonewatch.gsfc.nasa.gov/facts/SH.html
2. "Tropospheric Ozone LIDAR Network," National
Aeronautics and Space Administration,
https://www-air.larc.nasa.gov/missions/TOLNet/index.html
3. Minh, Pham & Bui, Hai & Tien, Tho & Dinh Van,
Trung. (2017). "Development of Uv Laser Source
Based on Distributed Feedback Dye Lasers For use
in Measurement of Ozone in the Lower Atmosphere."
Communications in Physics. 27. 345.
https://doi.org/10.15625/0868-3166/27/4/10798.
4. Bridger Photonics https://www.bridgerphotonics.com
USEFUL LINKS
•
LD15CHA Product Page
•
PTC10K-CH Product Page
WAVELENGTH'S ROLE
The PTC10K-CH provides stable thermoelectric current to
control the temperature of the laser diode arrays and the
nonlinear crystal. This controller delivered the precision
performance and long-term reliability Bridger Photonics
required. The PTC has stability as low as 0.0012ºC, up to
10 A, and offers comprehensive safety including current
limits. The proportional-integration control minimizes
setpoint overshoot and time to the set temperature.
The LD15CHA delivers up to 15 A of output current to
the laser diode arrays which pump the solid state laser.
Because Bridger Photonics operates the driver near limit,
it is important that the output current never exceed the
setpoint. The LD15CHA can be configured (setpoint and
limit) without output current enabled.
Both the temperature controllers and laser drivers easily
connect to the laser diode pump system.
Figure 5 shows
the three PTC10Ks and the two LD15CHAs in the system
without the optical components. The controllers can be
daisy-chained for clear communication. A single wire from
the microprocessor enables the LD15CHA drivers. The
controllers and drivers provided the stability and precision
needed for DIAL mapping of ozone concentration.
Figure 5. LD15CHAs and PTC10Ks mounted in the
DIAL transmitter system showing the electronic layout4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com