Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC06 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC06
Description  Differential Absorption LiDAR for NASA Ozone Mapping
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC06 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC06 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Case Study CS-LDTC06 Rev. A
Page 3
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
BRIDGER PHOTONICS' SOLUTION
Bridger Photonics4 has developed a ground-based
Differential Absorption LiDAR (DIAL) transmitter solution
(seen in
Figure 4) to measure and map the concentration
of ozone in the troposphere. Because ozone in this region
is dangerous to life on the surface of the earth, this system
is designed to look at the lower portion of the atmosphere:
up to around 10 km in altitude (see
Figure 1). The core
of this commercial transmitter system is a Nd:YAG laser
pumped Optical Parametric Oscillator (OPO). The OPO
converts the 1064 nm laser beam from the solid state laser
to two tunable wavelengths in the 285 - 310 nm range. The
OPO contains a crystal that must be temperature stabilized
to ensure the correct wavelength is emitted.
Figure 4. Bridger Photonics' ozone measuring DIAL
system4
The solid state laser is pumped by laser diode arrays.
The more stable the laser diode arrays, the more stable
and precise the solid state laser wavelength will be going
into the OPO. The base laser (Nd:YAG) is pulsed at 1 kHz
(repetition rate) with 9 mJ (energy) for 6 ns (pulse width).
The laser has a beam quality factor of M2 = 1.3 for efficiency
into the OPO. After the beam has been converted, the
ultraviolet (UV) wavelength pulses have powers of about
200 µJ at a repetition rate of 1 kHz.
This system is very compact compared to research
grade DIAL systems and still provides the same precision
measurement of ozone concentrations. Current LiDAR
techniques occupy trailer-sized spaces and are not as
easily deployable in the field. Bridger Photonics' solution
is compact, can be placed on a benchtop, and is a self-
contained, commercial system. The system is designed
to be maintenance-free making it easier to deploy
autonomously. This commercial system does not exist
elsewhere, and it does not require extensive laser physics
background in setting it up.
This DIAL system also has the advantages of low power
consumption and high total optical power. With the final
UV powers of about 200 µJ (at 1 kHz) from the base laser
of around 9 mJ (at 1 kHz), the system can provide more
signal—making measurement and data collection easier.
The 1 kHz repetition rate of the system is much faster than
the current research-grade systems.
Using UV wavelengths in optical systems risks damaging
the optics in the laser system. The short wavelength has
high photon energy emitted. Even if the light is pulsed,
the optics can still be damaged. Bridger Photonics' DIAL
system is designed to minimize the number of optics the UV
light interacts with. The UV wavelength light is produced at
the very end of the system to reduce the number of optics
that are subject to potential damage and minimizing down
time for maintenance.
The main goal of the system is to measure the concentration
of ozone in the troposphere. Similar DIAL systems have an
altitude range of around 5 - 8 km. Bridger's DIAL system
can match this range. Collecting measurements at night
also helps to increase the range of the system, and it adds
to the versatility of the design.
Although the system is specifically designed to measure
the ozone concentration, the base design (the Nd:YAG
pumped OPO) could be easily transitioned to measure
other atmospheric gases using other wavelengths. Ozone
concentration is easy to measure because the absorption
is extremely broad (~100 nm). Measuring other broad
linewidth gases in the atmosphere could be accomplished
with a slightly modified version of this system.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com