Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC12 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC12
Description  Mapping H2O Transport with Tomographic Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC12 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC12 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC12 Rev. A
Page 2
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 1. Schematic of the experimental setup: (a) optical system for the present study; (b) schematic of the nozzle and
the optical setup. CM, concave mirror; DFB, distributed-feedback laser; LD, laser driver; PCL, plano-convex lens; PD,
photodetector; DAQ, data acquisition.1
METHOD
Researchers from the School of Aeronautics and
Astronautics in Chengdu, China and the Chinese University
of Hong Kong have developed a jet flow, tomographic
absorption spectroscopy (TAS) platform to study H
2O
transport in a non-reactive jet flow with various conditions.
In creating this experiment, the influences of these external
conditions under a combustion environment can be
clarified and recorded. Through this research, absorption
spectroscopy can play a major role for combustion
diagnostics.
There are a few crucial custom design aspects to this
new TAS system. The first feature of the TAS setup is
the custom laminar jet nozzle seen in
Figure 1. With the
absorption spectroscopy system setup (
Figure 1), a portion
of the laser beam is sent through the dry air injected from
the nozzle at different heights above the nozzle to observe
the absorption. The flow rate of the dry air, compared to
ambient, is 60 L/min. The air flows through a honeycomb
straightener and a smooth contraction nozzle to reduce any
effects from non-uniform flow and boundary layer on the
laminar jet.1
One of the biggest factors in this research is the choice of
laser and center wavelength. Researchers used a near-
infrared distributed-feedback (DFB) laser with a center
wavelength of 1.3686 µm. The selection of this absorption
transition line is a main concern for accurate and repeatable
measurements. Simulated LOS absorption of different
transitions were computed and plotted. Absorption lines
around 7306.74 cm-1 and 7306.75 cm-1 dominated the
contribution to the total absorption. These absorption
lines, correlating to a wavelength around 1368.6 nm, were
selected for studying H
2O transport in the laminar jet flow.
Another aspect to this developed system is the cross-
validation performed by computational fluid dynamics (CFD)
simulation.
Figure 2 shows the computational domain and
boundary condition setups. Uniform velocity insets were
determined for the dry air from the nozzle and the ambient
air surrounding the nozzle. The respective set velocities
are V
air = 0.3537 m/s and Vamb = 0.1 m/s with corresponding
H
2O mole fractions set at 0.002 and 0.02889. This is why
the air from the nozzle is considered "dry" compared to the
ambient air. The CFD modeled the mass diffusivity of the
H
2O transport model.
Figure 2. Numerical setup for the CFD simulation of
the present laminar jet.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com