Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC12 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC12
Description  Mapping H2O Transport with Tomographic Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC12 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC12 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC12 Rev. A
Page 5
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Tomographic absorption spectroscopy, TAS, tunable
diode laser absorption spectroscopy, TDLAS, species
transport, diffusion, laminar jet flow, LDTC, temperature
controller, laser driver, H
2O,
gaseous processes,
computed tomography
PRODUCTS USED
LDTC0520
REVISION HISTORY
Document Number: CS-LDTC12
REVISION
DATE
NOTES
A
January 2023
Initial Release
REFERENCES
1. Cheong, K.-P.; Shi, D.; Liu, S.; Wu, J.; Duan, K.; Song,
Y.; Ren, W. Tomographic Absorption Spectroscopy
for H20 Transport in a Laminar Jet with Inverse
Concentration Gradient. Sensors
2022, 22, 5939.
https://doi.org/10.3390/s22165939
USEFUL LINKS
•
LDTC0520
Product Page
PERMISSIONS
Figures 1 - 6 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the captions or images. They are
presented here in their original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com