Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC12 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC12
Description  Mapping H2O Transport with Tomographic Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC12 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC12 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC12 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC12 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
TAS measurements were conducted at specific heights
above the nozzle for around four minutes each. The
measurements ranged from heights of 1 mm to 10 mm.
The change in height, or the resolution, was 1 mm per
absorption measurement. The complete TAS measurement
took about 40 minutes in total. During the experiment,
pressure and temperature were considered constant as
any variations had minimal impact on the data collected.
Uncertainty analysis of the measurements can be seen in
the results section.
In this study, the H
2O molecules are used as the absorption
indicator. By mapping and collecting H
2O mole fractions in
and around the dry air flow, a new technique is created for
scalar transport and mixing of flow fields for asymmetric or
turbulent flow research.1
RESULTS
To ensure the axisymmetry of the laminar jet, the laser
beam was moved from R = -42 mm to 42 mm to cover
the ambient air as well as the air from the nozzle. This
confirmed the laminar jet was not disturbed by the
ambient during the absorption measurement.
Figure 3
shows the symmetric distribution of the LOS integrated
absorbance, A
int, at different heights above the nozzle.
Further steps were taken to reduce the uncertainty before
the tomographic reconstruction. The A
int was averaged
across both sides of the central axis and was smoothed to
suppress the uncertainty.
Using the LOS integrated absorbance A
int
measured
equidistantly, the mole fraction of H
2O, XH2O, can be
reconstructed radially as displayed in
Figure 4.1 Water
vapor concentrations for both the compressed air and
ambient air were also measured. As seen in
Figure 4, there
were a few discrepancies in the shear layer of the laminar
jet when comparing the reconstructed mole fraction and
the CFD simulation values. When the height was increased
from 1 mm to 9 mm, the variations in the X
H2O gradients
within the shear layer of the laminar jet were correctly
detected by the TAS measurements in
Figure 4b,c.
The confirmed axisymmetry of the laminar jet as well as
the overall reconstructed distributions of H
2O mole fraction
at different heights align well with CFD simulation and
theoretical measurements. The final step to complete the
TAS measurements is combining the reconstruction at
different heights to create a 2D contour of the H
2O mole
fraction distribution. Both the CFD simulation and the
TAS measurement of the 2D contour of H
2O mole fraction
distribution are shown in
Figure 5.
The TAS measurements are in relatively good agreement
with the CFD simulation. Although the contour lines are not
a 100% match and do not have exactly the same smooth
curves, the overall 2D contour is similar enough to have
further research potential. This shows that in the fields of
mass transfer and scalar field of gaseous flows, tomography
absorption spectroscopy has great potential. This would
enable research to advance in complex reactive flows in
applications of combustion and unsteady flow systems.1
Figure 3. LOS integrated absorbance A
int at different heights above the nozzle.
1
Figure 4. Reconstructed distributions of H
2O mole fraction XH2O at different heights above the nozzle.
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com