Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC08 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC08
Description  VCSEL Absorption Spectroscopy of Chip-scale Rubidium Atomic Vapor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC08 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-TC08 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
As seen in
Figure 3, the two methods use vastly different
techniques. The NiCr uses a patterned heating element
with 2500 Å deposited on the vapor cell. This particular
heater displayed a resistance of ~600 Ω and maintained a
steady state temperature of 60ºC. The ITO uses a sputter
coating on the cell in a blanket deposition process. This
method used 2000 Å of ITO with both sides of the cell
sputter coated. Although this technique covers the entirety
of the clear glass surfaces, the transmission of the ITO films
is greater than 88% at 795 nm. Aluminum is added to the
sides of the film for electrical contact pads. The ITO heater
displayed a resistance of ~20 Ω and reached a steady state
temperature of 56ºC. With these conditions, and the heaters
discussed, the vapor cell temperature reached around 70ºC
providing a sufficient environment for the Rb for hot atomic
vapor absorption spectroscopy studies.1
For the absorption spectroscopy, a VCSEL is chosen for
the light source due to its single mode output and narrow
spectral linewidth. Built into the VCSEL source are a
thermoelectric heater and thermistor for better control of
the laser output. Because change in temperature of the
VCSEL directly correlates to a shift in center frequency of
the laser output, the temperature of the VCSEL needs to be
maintained with a precision of 100 mK to stabilize the laser
output. Researchers used the VCSEL in a TO-46 package
with a set temperature range of 50 - 55ºC and a current ramp
from 1.45 mA to 1.55 mA in steps of 70 nA at 1 ms dwell
times. Researchers utilized the WTC3243 Temperature
Controller from Wavelength Electronics, mounted on its
Evaluation Board, WTC3293, for high precision control
and stability of the VCSEL. The temperature controller, as
well as all major electronic components can be seen in
Figure 4 showing the experimental setup of the absorption
spectroscopy design.
Figure 4. Layout of the experimental set up of the
absorption spectroscopy of chip-scale Rb vapor cell.1
For testing preparations, the MO package was placed on
a vibration isolated bench. The VCSEL temperature was
set to 54ºC using the WTC3243 controller connected to a
Raspberry Pi board for plotting the set and process values
of the temperature from digitized voltages every second.
The vapor cell was heated to around 75ºC. The ITO film
integrated heater dissipated about 750 mW of power and
was left for 10 minutes to achieve thermal equilibrium
before any tests were performed. The VCSEL temperature
was adjusted to obtain a complete spectrum in the center of
the oscilloscope data acquisition scan.1
For the Rb vapor absorption spectroscopy, the VCSEL
current is scanned using a sawtooth shaped current
ramp across the D1 absorption lines of the Rb atoms
inside the vapor cell. Because Rb absorption spectrum is
known, two peaks are selected from recorded data as the
reference and correspond to the Doppler broadened lines
85
Rb F=2 → F' = 2,3 (794.985 nm) and 87Rb F=1 → F' = 1,2
(794.980 nm).1 Using these parameters and reference
peaks for calibration and Gaussian fittings, absorption
spectroscopy studies of the chip-scale Rb atomic vapor
cell were carried out in the MO package using the D1
absorption line of both 85Rb and 87Rb. Using the scanned
injection current of the VCSEL, the absorption spectrum is
obtained from the hot atomic Rb vapor.
RESULTS
With 3.5 µL volume of hot atomic vapor, the absorption
spectrum was recorded and analyzed. More than 600 hours
of operation in lab conditions were used for obtaining
steady and repeatable spectra from the MO package. Real-
time data was acquired with identified peaks with Full-Width
at Half-Maximum (FWHM) based on Gaussian fittings. The
identified peaks are labeled in
Table 1, correlating to a
typical screenshot of the user interface after the absorption
spectrum is acquired in
Figure 5.
Table 1. Labeling of absorption resonance peaks1
PEAK
TRANSITION
1
87
Rb(2S
1/2 F=1 →
2
P
1/2 F' = 1, 2)
2
85
Rb(2S
1/2 F=2 →
2
P
1/2 F' = 2, 3)
3
85
Rb(2S
1/2 F=3 →
2
P
1/2 F' = 2, 3)
4
87
Rb(2S
1/2 F=2 →
2
P
1/2 F' = 1, 2)
With over 500 ON / OFF cycles, the design and operation
of the MO package shows excellent repeatability along with
high mechanical and thermal stability over long periods of
time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com