Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC08 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-TC08
Description  VCSEL Absorption Spectroscopy of Chip-scale Rubidium Atomic Vapor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC08 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-TC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-TC08 Rev. A
Page 5
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Chip-scale vapor cell, absorption spectroscopy, VCSEL,
3D printing, tunable diode laser spectroscopy, magneto-
optic, temperature controller, WTC3243, WTC3293,
Rubidium, Rb, atomic sensor
PRODUCTS USED
WTC3243, WTC3293 Evaluation Board
REVISION HISTORY
Document Number: CS-TC08
REVISION
DATE
NOTES
A
August 2023
Initial Release
REFERENCES
1. Giridhar, M. S.; Karanth, S. P.; Akshaya; Elumalai, S.;
Sriram, K. V. Absorption Spectroscopic Studies of Chip-
scale Rubidium Atomic Vapour Cells in a Compact 3D
Printed Magneto-Optic Package. IJPAP
2023, 61, 301-
308. https://doi.org/10.56042/ijpap.v61i5.71432
USEFUL LINKS
•
WTC3243 Product Page
•
WTC3293 Product Page
PERMISSIONS
Figures 1 - 5 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the captions or images. They are
presented here in their original form.
WAVELENGTH'S ROLE
With design concerns of compactness and wavelength
stability, both the size and stability of the temperature
controller are critical in the success of the absorption
spectroscopy study. The VCSEL diode required high
temperature stability due to the center frequency shifting
with change in temperature. To match the small size of the
3D printed magneto-optic package, housing the VCSEL
and optics, researchers used Wavelength Electronics'
WTC3243 Temperature Controller with a compact design
of 1.3 x 1.28 x 0.313 inches. This ensured efficient space
management as well as allowing operation in other
handheld or portable equipment similar to the 3D printed
magneto-optic package for absorption spectroscopy in
atomic sensors.
The WTC3243 can drive up to ±2.2 A of current to a
thermoelectric with both heating and cooling current
limits. The PI control loop offers maximum stability while
maintaining efficiency. The WTC3243 can deliver as low as
0.0009ºC temperature stability over one hour with 0.002ºC
stability across ambient. For this experiment, researchers
maintained the VCSEL temperature in the range of 50ºC
to 55ºC with a precision of 100 mK from the temperature
controller.
Researchers also took advantage of the WTC3293
Evaluation Board to rapidly prototype their temperature
control system. Onboard switches, connectors, and trimpots
make configuration and operation simple. Temperature
setpoint, proportional and integrator time constants can
be adjusted via onboard trimpots. This evaluation board
enabled researchers to quickly integrate the WTC3243
temperature controller with their 3D printed magneto-optic
package for absorption spectroscopy of chip-scale Rb
atomic vapor cell.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com