Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC08 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-TC08
Description  VCSEL Absorption Spectroscopy of Chip-scale Rubidium Atomic Vapor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC08 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-TC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-TC08 Rev. A
Page 4
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Wavelength (nm)
Absorption Spectra
Figure 5. Screen shot of the GUI developed for acquiring and analyzing the absorption resonance spectrum of the chip-
scale vapor cell in the MO package.1
Characteristics for only two typical absorption resonances
are shown and analyzed in the above table due to the
line merging of Doppler broadening. This contributes
broadening of around 500 MHz to the linewidth. Because
certain excited hyperfine states of Rb are only narrowly
separated (less than the Doppler broadening), they
cannot be distinguished from one another and are merged
together using this particular method. However, the peaks
selected in
Table 2 are separated by more than 3 GHz,
allowing resolvable spectrum for analysis. The determined
separation or frequency interval between peaks 2 and 3
agrees well with known literature values for the 85Rb ground
state hyperfine levels, validating the effectiveness of the
presented MO package for hot atomic vapor absorption
spectroscopy.1
One of the primary concerns and requirements for
developing atomic sensors using chip-scale vapor cells
is the ability to obtain stable absorption spectrum.1 Here,
researchers have developed and demonstrated a thermally
stabilized, tunable VCSEL MO package for absorption
spectroscopy on a heater integrated chip-scale Rb vapor
cell. The constructed design was tested and used to
obtain absorption spectrum for over 600 hours, proving the
stability and reliability of the system. This design, with future
additions and upgrades, can be used for a wide range of
applications in space borne sensors and payloads and
wherever atomic sensors are needed.
Table 2 shows the spectral parameters for two selected
atomic resonance transitions. The absorption amplitude is
the value of the minimum detector output for the relevant
transition, and the ratio of the detector output to the off
resonance background is expressed as a percentage
below the amplitude values. These show the strength of the
absorption in the atomic vapor medium.1
Table 2. Spectral characteristics of selected absorption
resonances chip-scale vapor cell obtained from the compact
package at cell temperature of 70ºC1
PEAK
WAVELENGTH
(nm)
FWHM
(MHz)
ABSORPTION
AMPLITUDE
(V)
ABSORPTION
COEFFICIENT
(m-1)
1
794.980
567±16
0.477±0.014
(19.08%)
433.42
2
794.985
850±15
1.24±0.017
(49.6%)
1370.36
Separation between
Peak 2 and Peak 3
3.03583 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com