Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC09 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC09
Description  Simultaneous Multi-Gas Detection Using ICL Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC09 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-TC09 Rev. A
Page 3
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
absorption wavelengths of all three sample gases. The
signals from the two microphones from both channels were
differentially amplified by a preamplifier and passed onto a
lock-in amplifier. These devices are seen in
Figure 1.
Test conditions, such as laser modulation frequency, laser
modulation depth, phase angle, and demodulation method
are all optimized to meet the best measurement conditions
of the three different gases.1 the resonance frequency was
determined to be at 710 Hz, and the photoacoustic signal at
different modulation depths is measured at this resonance
frequency for methane to find sufficient signal intensities.
To avoid spectral line broadening and wavelength shift, a
modulation depth of 10 mA is selected.
To determine the detection current of the three gases, the
absorption lines are observed over the full dynamic range
of the ICL.1 The laser's injection current is scanned from 50
to 100 mA to create a full profile of the gases' absorption
spectra with the DHR signals demodulated at the first (1f)
and second (2f) harmonic frequencies. These DHR signals
can be seen in
Figure 4. The 2f demodulation method is
undesirable for multi-component detection as the response
signals of ethylene and methane are almost in reverse
phases and will cancel each other out. These are the
blue and violet highlighted regions in
Figure 4b. A similar
situation arises with the 1f signal in the blue and violet
highlighted regions in
Figure 4a, but a detection window
is presented for ethylene at a higher injection current in
the range of 73.35 to 79.83 mA. Because of this detection
window, the demodulation method with the first harmonic
signal is chosen for signal acquisition.
The lock-in amplifier and the phase angle play an important
role in extracting weak signals from noisy backgrounds to
measure them accurately. The reference signal and the
detected signal will have some phase difference due to
the relaxation of exited gas molecules, energy loss from
friction of the photoacoustic cell wall, and the hysteresis
of the electronic circuit. To maximize the signal of all three
gases, a detection phase angle is set at 12.1º throughout
the scanning process.
RESULTS
Due to the cross-interference of the gas absorption signals,
each gas absorption signal will correspond to different laser
injection currents, and, therefore, emission wavelengths:
CH
4 - 62.35 mA, C2H4 - 73.88 mA, and C2H6 - 88.23 mA.
Detecting the gases at different wavelengths will help
increase signal intensity without signals canceling each
other.
Methane, ethylene, and ethane sample gases with varying
concentrations (2-95 ppm) were prepared for absorption
detection in the photoacoustic cell. At each selected laser
injection current, each concentration was measured to
generate a spectra curve. At these current levels, each gas
signal has a good linear relationship, but each has unique
responsivity levels derived from the linear fit. From the first
harmonic signals of each of the three gases (
Figure 5),
an Allan bias analysis can give the detection limits for
the appropriate integration time. This detection limit can
be compared to detection limits obtained in a separate
experiment.
Figure 4. (a) 1f and (b) 2f signals of the three analytes in the full dynamic range of the ICL current (50 to 100 mA).1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com