Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC09 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-TC09
Description  Simultaneous Multi-Gas Detection Using ICL Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC09 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-TC09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-TC09 Rev. A
Page 5
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Photoacoustic spectroscopy, PAS, multicomponent
detection, interband cascade laser, ICL, helmholtz
resonance, mid-infrared tunable diode laser, methane,
ethylene, ethane, WTC3243, WTC3293, temperature
controller
PRODUCTS USED
WTC3243, WTC3293
REVISION HISTORY
Document Number: CS-TC09
REVISION
DATE
NOTES
A
May 2024
Initial Release
REFERENCES
1. Wu, Zhe; Shi, Yunnxing; Han, Yuwang, Methane,
Ethylene, and Ethane Detection by Differential
Helmholtz Resonance Spectroscopy Using a 3345 nm
Mid-Infrared Tunable Diode Laser Source. Appl. Sci.
2023,
13, 3169. https://doi.org/10.3390/app13053169
USEFUL LINKS
WTC32ND Product Page
WTC32ND-EV Product Page
PERMISSIONS
Figures 1 - 6 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(
https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
Figure 5 was compiled from other figures from Ref. 1 with
a caption assembled using portions of the captions from
the respective figures. No changes were made to the
other captions or images. They are presented here in their
original form.
Not only did researchers achieve multi-component gas
concentration detection, but they also created this system
with good stability and relatively low detection limits. At
normal pressure, this Helmholtz photoacoustic design can
effectively adapt to complex application environments for
the power industry, the petroleum industry, agriculture, and
other fields.1 Future studies could look to optimize the fitting
process, look at different wavelengths for gas absorption,
and use machine learning methods to improve detection
performance.
WAVELENGTH'S ROLE
With wavelength stability concerns, the temperature
controller is critical in the success of the Helmholtz PAS
study. The ICL required high temperature stability since
the center frequency shifts with temperature. Because the
wavelength is ramped and scanned with varying currents,
researchers wanted only the current variable to affect the
laser. Precise temperature control of the laser wavelength
was crucial with the current ramp changing the laser
wavelength only a few nanometers for the full absorption
spectrum of the three gases. With a consistent and precise
laser temperature, researchers can ensure an accurate
and repeatable output from the laser. Researchers used
Wavelength Electronics' WTC3243 Temperature Controller
with a compact design of 1.3 x 1.28 x 0.313 inches. This
ensures efficient space management as well as allowing
operation in possible handheld or portable equipment for
multiple gas detection.
The WTC3243 can drive up to ±2.2 A of current to a
thermoelectric or resistive heater with both heating and
cooling current limits. The PI control loop offers maximum
stability while maintaining efficiency. The WTC3243 can
deliver as low as 0.0009ºC temperature stability over one
hour with 0.002ºC stability across ambient.
Researchers also took advantage of the WTC3293
Evaluation Board to rapidly prototype their temperature
control system. Onboard switches, connectors, and trimpots
make configuration and operation simple. Temperature
setpoint, proportional, and integrator time constants can
be adjusted via onboard trimpots. This evaluation board
enabled researchers to quickly integrate the WTC3243
temperature controller with their Helmholtz resonance
spectrometer for multi-component gas detection.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com