Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC09 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-TC09
Description  Simultaneous Multi-Gas Detection Using ICL Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC09 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-TC09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-TC09 Rev. A
Page 4
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
a)
b)
c)
Figure 5. First harmonics signals of a) methane (5 to 80 ppm), b) ethylene (5 to 85 ppm), and c) ethane (2 to 90 ppm) with
injection laser current in the range of 53 to 100 mA.1
To reduce the impact of cross-interference of the three
gases on the detection accuracy, researchers carried out
broadband multi-wavelength linear regression. This not only
reduces cross-interference errors but also accidental errors
in the design.1 A portion of the DHR signal data is extracted
throughout the whole range of the laser current, and the
selected data with high concentration-signal linearity are
further chosen for multi-wavelength fitting. This can help
obtain the gas concentrations through linear regression with
higher accuracy. Through this process, the error is reduced
to less than ±10% for ethylene and methane and less than
±5% for ethane. This helps the designed PAS system meet
practical application requirements.1
As is seen in
Figure 5, an increased gas concentration of
any sample gas directly correlates to an increased DHR
signal. The detection limits for each sample gas are as
follows: 98.9 ppb for methane, 252 ppb for ethylene, and
33 ppb for ethane with each having an integration time
of 2 seconds. Ethane is detected at a longer wavelength,
making the laser power higher than either of the other
gases and making it have the highest responsivity. On
the other side of the laser power range, ethylene had the
lowest absorption strength and did not have any sharp
absorption peak shapes. Thus, the responsivity of ethylene
is the lowest, leading to the higher detection limit. Although
methane may have a stronger absorption intensity, the
absorption cross-section is much lower than that of ethane.
Figure 6. (a) Multi-wavelength fitting profiles of the mixture 3 in Table 2: (b) The fitting residual plot.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com