Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82811PVCAR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM82811PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82811PVCAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM82811PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPSM8281x are synchronous step-down converter power modules. The required power inductor is
integrated inside the TPSM8281x. The inductor is shielded and has an inductance of 470 nH with approximately
a ±20% tolerance.
The VCA MagPack package includes a 470nH shielded inductor and shields the entire IC for better EMI
performance. The smaller size and lower height provide higher power density compared to the SIL package.
The 1A, 2A, and 3A VCA versions have the same efficiency and performance, differing only in the output
current rating. The versions are pin-to-pin compatible with higher-current versions: TPSM82814PVCAR (4A) and
TPSM82816PVCAR (6A).
The 3A SIL version has the same efficiency and performance as the 4A SIL version. Both versions differ only in
the output current rating. The versions are pin-to-pin compatible with the higher-current TPSM82816SIER (6A)
version.
9.2 Typical Application
Figure 9-1. Typical Application Schematic
9.2.1 Design Requirements
The design guidelines provide a component selection to operate the device within the recommended operating
conditions.
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPSM8281x device with the WEBENCH® Power Designer.
1. In the part number field start entering the part number if you have a preference and wait until a part list will
appear and populate. If there is no preference leave this field blank.
2. In the next section (auto-filled if you started with a part number) enter the input voltage (VIN), output voltage
(VOUT), and output current (IOUT) requirements.
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com