Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82811PVCAR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM82811PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82811PVCAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM82811PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
(2)
Case top temperature can be higher than temperature of active circuit because of inductor power dissipation. This results in a
negative Junction-to-top characterization parameter.
(3)
Not applicable to an EVM
6.5 Electrical Characteristics
Over operating junction temperature (TJ = -40 °C to +125 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Operating Quiescent Current
EN = high, IOUT = 0mA, Device not
switching
15
21
µA
ISD
Shutdown Current
EN = 0V
0.11
18
µA
VUVLO
Undervoltage Lockout Threshold
Rising Input Voltage
2.5
2.6
2.75
V
Falling Input Voltage
2.25
2.5
2.6
V
TSD
Thermal Shutdown Temperature
Rising Junction Temperature
170
°C
Thermal Shutdown Hysteresis
15
CONTROL (EN, SS/TR, PG, MODE/SYNC)
VIH
High Level Input Voltage for MODE/
SYNC Pin
1.1
V
VIL
Low Level Input Voltage for MODE/
SYNC Pin
0.3
V
fSYNC
Frequency Range on MODE/SYNC
Pin for Synchronization
1.8
4
MHz
Duty Cycle of Synchronization Signal
at MODE/SYNC Pin
40%
50%
60%
VIH
Input Threshold Voltage for EN pin
Rising EN
1.06
1.1
1.15
V
VIL
Input Threshold Voltage for EN pin
Falling EN
0.96
1.0
1.05
V
ILKG
Input Leakage Current for EN, MODE/
SYNC Pins
EN, MODE/SYNC = VIN or GND
150
nA
VTH_PG
UVP Power Good Threshold
Rising (%VFB)
92%
95%
98%
UVP Power Good Threshold
Falling (%VFB)
87%
90%
93%
OVP Power Good Threshold
Rising (%VFB)
107%
110%
113%
OVP Power Good Threshold
Falling (%VFB)
104%
107%
111%
Power Good De-glitch Time
for a high level to low level transition
on power good
40
µs
VOL_PG
Power Good Output Low Voltage
IPG = 2mA
0.07
0.3
V
ILKG_PG
Input Leakage Current for PG Pin
VPG = 5V
100
nA
ISS/TR
SS/TR Pin Source Current
2.1
2.5
2.8
µA
tdelay
Start-up Delay Time
Time from EN=high to start switching;
VIN applied already
135
200
450
µs
tramp
Ramp time; SS/TR Pin Open
Time from first switching pulse until
95% of nominal output voltage
100
150
200
µs
Tracking Gain
VFB/VSS/TR
1
Tracking Offset
FB pin with VSS/TR = 0V
17
mV
POWER SWITCH
RDS(ON)
High-Side MOSFET ON-Resistance
VIN ≥ 5V
37
60
mΩ
RDS(ON)
Low-Side MOSFET ON-Resistance
VIN ≥ 5V
15
35
mΩ
RDP
Dropout resistance
100% mode. Maximum value at VIN =
3.3V, TJ = 85°C
50
90
mΩ
ILIMH
High-Side MOSFET Current Limit (1)
TPSM82810; VIN = 3V to 6V
4.8
5.6
6.55
A
ILIMH
High-Side MOSFET Current Limit(1)
TPSM82813; VIN = 3V to 6V
3.9
4.5
5.25
A
ILIMNEG
Negative Current Limit (1)
MODE/SYNC = HIGH
–1.8
A
fS
PWM Switching Frequency Range
1.8
2.25
4
MHz
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com