Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82811PVCAR Datasheet(PDF) 34 Page - Texas Instruments

Part # TPSM82811PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82811PVCAR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPSM82811PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 36Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 37Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (0.75)
4X (1)
.000 PKG
0
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
6X (0.25)
(2.65)
4X (0.65)
2X (2)
2X (3.35)
4X (0.8)
4X (0.3)
4X (0.575)
4X (0.45)
(0.05) TYP
(R0.05) TYP
4X (1.4)
(0.3)
6X (
)
1.925
6X (
)
1.425
6X (
)
1.425
6X (
)
1.925
( 0.2) TYP
VIA
2X (
)
0.625
2X (
)
0.625
uSIP - 2.4 mm max height
SIL0014B-C01
MICRO SYSTEM IN PACKAGE
4229075/A 09/2022
1
5
10
SCALE:15X
LAND PATTERN EXAMPLE
6
11
12
13
14
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
SEE DETAILS
NOTES: (continued)
TM
5. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
NON SOLDER MASK
DEFINED
SOLDER MASK DEFINED
PADS 1, 5, 6, 10 AND 11 - 14
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
NOT TO SCALE
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com