Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F103AAASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F103AAASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F103AAASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F103AAASP Datasheet HTML 1Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 2Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 3Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 4Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 5Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 6Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 7Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 8Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 4 of 109
Table 1-1. List of Ordering Part Numbers
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
20
pins
20-pin
plastic
LSSOP
(4.4 × 6.5
mm, 0.65-
mm pitch)
Mounted A
R5F1026AASP, R5F10269ASP, R5F10268ASP,
R5F10267ASP, R5F10266ASP
#V5, #35, #X5,
#55
PLSP0020JB-A
D
R5F1026ADSP, R5F10269DSP, R5F10268DSP,
R5F10267DSP, R5F10266DSP
G
R5F1026AGSP, R5F10269GSP, R5F10268GSP,
R5F10267GSP, R5F10266GSP
Not
mounted
A
R5F1036AASP, R5F10369ASP, R5F10368ASP,
R5F10367ASP, R5F10366ASP
#V5, #35, #X5,
#55
PLSP0020JB-A
D
R5F1036ADSP, R5F10369DSP, R5F10368DSP,
R5F10367DSP, R5F10366DSP
20-pin
plastic
TSSOP
(4.4 x 6.5
mm, 0.65-
mm pitch)
Mounted A
R5F10269ASM, R5F10268ASM, R5F10267ASM,
R5F10266ASM
#15, #35, #55,
#75
PTSP0020JI-A
R5F1026AASM
#15, #35, #55,
#5F, #75, #9F
PTSP0020JI-A
G
R5F10269GSM, R5F10268GSM, R5F10267GSM,
R5F10266GSM
#15, #35, #55,
#75
PTSP0020JI-A
R5F1026AGSM
#15, #35, #55,
#5F, #75, #9F
PTSP0020JI-A
Not
mounted
A
R5F1036AASM, R5F10369ASM, R5F10368ASM,
R5F10367ASM, R5F10366ASM
#15, #35, #55,
#75
PTSP0020JI-A
24
pins
24-pin
plastic
HWQFN
(4 × 4 mm,
0.5-mm
pitch)
Mounted A
R5F1027AANA, R5F10279ANA, R5F10278ANA,
R5F10277ANA
#U5, #W5
PWQN0024KE-A
R5F1027AANA, R5F10279ANA, R5F10278ANA,
R5F10277ANA
#05, #25, #45,
#65
PWQN0024KF-A
PWQN0024KH-A
D
R5F1027ADNA, R5F10279DNA, R5F10278DNA,
R5F10277DNA
#U5, #W5
PWQN0024KE-A
G
R5F1027AGNA, R5F10279GNA, R5F10278GNA,
R5F10277GNA
R5F1027AGNA, R5F10279GNA, R5F10278GNA,
R5F10277GNA
#05, #25, #45,
#65
PWQN0024KF-A
PWQN0024KH-A
Not
mounted
A
R5F1037AANA, R5F10379ANA, R5F10378ANA,
R5F10377ANA
#U5, #W5
PWQN0024KE-A
R5F1037AANA, R5F10379ANA, R5F10378ANA,
R5F10377ANA
#05, #25, #45,
#65
PWQN0024KF-A
PWQN0024KH-A
D
R5F1037ADNA, R5F10379DNA, R5F10378DNA,
R5F10377DNA
#U5, #W5
PWQN0024KE-A
30
pins
30-pin
plastic
LSSOP
(7.62 mm
(300), 0.65-
mm pitch)
Mounted A
R5F102AAASP, R5F102A9ASP, R5F102A8ASP,
R5F102A7ASP
#V0, #10, #30,
#X0, #50, #70
PLSP0030JB-B
D
R5F102AADSP, R5F102A9DSP, R5F102A8DSP,
R5F102A7DSP
G
R5F102AAGSP, R5F102A9GSP, R5F102A8GSP,
R5F102A7GSP
Not
mounted
A
R5F103AAASP, R5F103A9ASP, R5F103A8ASP,
R5F103A7ASP
#V0, #10, #30,
#X0, #50, #70
PLSP0030JB-B
D
R5F103AADSP, R5F103A9DSP, R5F103A8DSP,
R5F103A7DSP
Note For fields of application, see Figure 1-1 Part Number, Memory Size, and Package of RL78/G12.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com