Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F103AAASP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R5F103AAASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F103AAASP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R5F103AAASP Datasheet HTML 68Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 69Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 70Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 71Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 72Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 73Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 74Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 75Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
RL78/G12
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 72 of 109
(2) 30-pin products
(TA =
–40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current Note 1
IDD2 Note 2 HALT
mode
HS (High-speed
main) modeNote6
fIH = 24 MHzNote 4
VDD = 5.0 V
440
2300
µA
VDD = 3.0 V
440
2300
fIH = 16 MHzNote 4
VDD = 5.0 V
400
1700
µA
VDD = 3.0 V
400
1700
fMX = 20 MHzNote 3,
VDD = 5.0 V
Square wave input
280
1900
µA
Resonator connection
450
2000
fMX = 20 MHzNote 3,
VDD = 3.0 V
Square wave input
280
1900
µA
Resonator connection
450
2000
fMX = 10 MHzNote 3,
VDD = 5.0 V
Square wave input
190
1020
µA
Resonator connection
260
1100
fMX = 10 MHzNote 3,
VDD = 3.0 V
Square wave input
190
1020
µA
Resonator connection
260
1100
IDD3 Note 5 STOP
mode
TA = –40°C
0.18
0.50
µA
TA = +25°C
0.23
0.50
TA = +50°C
0.30
1.10
TA = +70°C
0.46
1.90
TA = +85°C
0.75
3.30
TA = +105°C
2.94
15.30
Notes 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is
fixed to VDD or VSS. The values below the MAX. column include the peripheral operation current. However,
not including the current flowing into the A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down
resistors and the current flowing during data flash rewrite.
2.
During HALT instruction execution by flash memory.
3.
When high-speed on-chip oscillator clock is stopped.
4.
When high-speed system clock is stopped.
5.
Not including the current flowing into the 12-bit interval timer and watchdog timer.
6.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as
follows.
HS (High speed main) mode: VDD = 2.7 V to 5.5 V @1 MHz to 24 MHz
VDD = 2.4 V to 5.5 V @1 MHz to 16 MHz
Remarks 1. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
2. fIH: high-speed on-chip oscillator clock frequency
3. Except STOP mode, temperature condition of the TYP. value is TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com