Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F103AAASP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F103AAASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F103AAASP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F103AAASP Datasheet HTML 20Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 21Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 22Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 23Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 24Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 25Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 26Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 27Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 24 of 109
(1) 20-, 24-pin products
(TA =
–40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current Note 1
IDD2Note 2 HALT
mode
HS (High-speed
main) modeNote 6
fIH = 24 MHzNote 4
VDD = 5.0 V
440
1210
µA
VDD = 3.0 V
440
1210
fIH = 16 MHzNote 4
VDD = 5.0 V
400
950
µA
VDD = 3.0 V
400
950
LS (Low-speed
main) modeNote 6
fIH = 8 MHzNote 4
VDD = 3.0 V
270
542
µA
VDD = 2.0 V
270
542
HS (High-speed
main) modeNote 6
fMX = 20 MHzNote 3,
VDD = 5.0 V
Square wave input
280
1000
µA
Resonator connection
450
1170
fMX = 20 MHzNote 3,
VDD = 3.0 V
Square wave input
280
1000
µA
Resonator connection
450
1170
fMX = 10 MHzNote 3,
VDD = 5.0 V
Square wave input
190
590
µA
Resonator connection
260
660
fMX = 10 MHzNote 3,
VDD = 3.0 V
Square wave input
190
590
µA
Resonator connection
260
660
LS (Low-speed
main) modeNote6
fMX = 8 MHzNote 3,
VDD = 3.0 V
Square wave input
110
360
µA
Resonator connection
150
416
fMX = 8 MHzNote 3,
VDD = 2.0 V
Square wave input
110
360
µA
Resonator connection
150
416
IDD3Note 5 STOP
mode
TA = –40°C
0.19
0.50
µA
TA = +25°C
0.24
0.50
TA = +50°C
0.32
0.80
TA = +70°C
0.48
1.20
TA = +85°C
0.74
2.20
Notes 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is
fixed to VDD or VSS. The values below the MAX. column include the peripheral operation current. However,
not including the current flowing into the A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down
resistors and the current flowing during data flash rewrite.
2.
During HALT instruction execution by flash memory.
3.
When high-speed on-chip oscillator clock is stopped.
4.
When high-speed system clock is stopped.
5.
Not including the current flowing into the 12-bit interval timer and watchdog timer.
6.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as
follows.
HS (High speed main) mode: VDD = 2.7 V to 5.5 V @1 MHz to 24 MHz
VDD = 2.4 V to 5.5 V @1 MHz to 16 MHz
LS (Low speed main) mode: VDD = 1.8 V to 5.5 V @1 MHz to 8 MHz
Remarks 1. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
2. fIH: high-speed on-chip oscillator clock frequency
3. Except temperature condition of the TYP. value is TA = 25°C, other than STOP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com