Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF06-AUD01F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-AUD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EMIF06-AUD01F2
Characteristics
3/14
Table 3.
Electrical characteristics - values (Tamb = -40 °C to + 85 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VBR
Diode reverse breakdown voltage
IR = 1 mA
Tamb = 25 °C
14.0
V
IRM
Leakage current through clamping
diodes
VR = 3 V DC per line
Tamb = 25 °C
0.5
µA
C1-C4(1)
Capacitance on MIC lines
V = 0 V, F = 1 MHz,
VOSC = 30 mV
Tamb = 25 °C
1.3
nF
C5-C6(1)
Channel Capacitance SPK_L, SPK_R
60
pF
R1(2)
Hook Pull up resistance
47
k
Ω
R2(2)
External Microphone Pull up resistance
2.2
k
Ω
R3,R4, R7, R8(2) Microphone Serial Resistance
100
Ω
R6, R9(2)
Internal Microphone Pull up and
Pull down resistance
1k
Ω
R10, R11(3)
SPK Serial Resistance
10
Ω
R12, R13(2)
SPK PHG Resistance
15
k
Ω
MICx channel
THD
Distortion
Vdc = 0 - 2.4 V,
(4)
F = 20 Hz - 20 kHz,
Rgen = 600 Ω,
Vout = 1.5 VPP
Rload = 200 kΩ,
Tamb = 25 °C
Balanced
(or differential mode)
-75
dB(A)
1.
Capacitor tolerance ±30%
2.
Resistor tolerances ±10%
3.
Resistor tolerances ±20%
4.
See Figure 20 and Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com