Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF06-AUD01F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF06-AUD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EMIF06-AUD01F2
Characteristics
5/14
Figure 5.
S21 attenuation measurement
MIC2_P and MIC2_N lines
(50
Ω / 50 Ω)
Figure 6.
S21 attenuation measurement
MIC2_P and MIC2_N lines
(50
Ω / 1 KΩ simulation)
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
MIC2_P line
MIC2_N line
F/Hz
R
= 50
/ R
= 50
source
load
ΩΩ
MIC2_P line
MIC2_N line
R
= 50
/ R
= 1 K
source
load
ΩΩ
100k
1M
10M
100M
1G
-60
-50
-40
-30
-20
-10
0
dB
F/Hz
Figure 7.
S21 attenuation measurement
SPK_L and SPK_R lines
(50
Ω / 50 Ω)
Figure 8.
S21 attenuation measurement
SPK_L and SPK_R lines
(50
Ω / 1 KΩ simulation)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
SPK_R line
SPK_L line
F/Hz
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
SPK_R line
Sim
SPK_L line
Sim
F/Hz
Figure 9.
S21 attenuation measurement
MIC1_P and BIAS1 lines
(50
Ω / 50 Ω)
Figure 10.
S21 attenuation measurement
MIC1_P and BIAS1 lines
(50
Ω / 1 KΩ simulation)
R
= 50
/ R
= 50
source
load
ΩΩ
100.0k
1.0M
10.0M
100.0M
1.0G
- 70.00
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
Mic1P/BIAS1 50
F/Hz
R
= 50
/ R
= 1 k
source
load
ΩΩ
100.0k
1.0M
10.0M
100.0M
1.0G
- 70.00
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
Mic1P/BIAS1 1k
F/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com