Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 156 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.4.7.16
GLCDC
Note 1. Parallel RGB888,666,565: Max. 27 MHz
Serial RGB888: Max. 30 MHz (4x speed)
Note 2. When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in
combination with the pins in the same group. All GLCDC AC timings are measured in combination with the pins in the same
group.
If we use group “-A” and “-B” combination, “LCD data output Delay timing (tDD)” is Min = –5.0 ns, Max = 5.5 ns.
Figure 2.79
LCD_EXTCLK Clock Input Timing
Figure 2.80
LCD_CLK Clock Output Timing
Table 2.44
GLCDC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
LCD_EXTCLK input clock frequency
tEcyc
—
—
30*1
MHz
Figure 2.79
LCD_EXTCLK input clock low pulse width
tWL
0.45
—
0.55
tEcyc
LCD_EXTCLK input clock high pulse width
tWH
0.45
—
0.55
tEcyc
LCD_CLK output clock frequency
tLcyc
—
—
30*1
MHz
Figure 2.80
LCD_CLK output clock low pulse width
tLOL
0.4
—
0.6
tLcyc
LCD_CLK output clock high pulse width
tLOH
0.4
—
0.6
tLcyc
LCD_CLK output clock rise time
tLOR
——
5
ns
LCD_CLK output clock fall time
tLOF
——
5
ns
LCD data output delay timing
tDD
–3.5*2
—4*2
ns
Figure 2.81
1/2 Vcc
VIH VIH
VIL
VIL
tDcyc, tEcyc
tWH
tWL
LCD_EXTCLK
tLcyc
tLOL
tLOH
tLOF
tLOR
LCD_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com