Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 159 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.4.7.18
SDSI
Note 1. When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in
combination with the pins in the same group. All SDSI AC timings are measured in combination with the pins in the same group.
Figure 2.83
SD Slave Interface Input Signal Timing
Table 2.46
SDSI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit
Test Conditions*1
SDSI
SDSI_CLK pin input cycle time
tPP(SDSI)
20
—
ns
Figure 2.83
SDSI_CLK pin input high pulse width
tWH(SDSI)
0.4 ×
tPP(SDSI)
—ns
SDSI_CLK pin input low pulse width
tWL(SDSI)
0.4 ×
tPP(SDSI)
—ns
SDSI_CLK pin input rise time
tTLH(SDSI)
—3
ns
SDSI_CLK pin input fall time
tTHL(SDSI)
—3
ns
Input data setup time for SDSI_CMD and SDSI_D0 to
SDSI_D3 pins
tISU(SDSI)
5—
ns
Input data hold time for SDSI_CMD and SDSI_D0 to
SDSI_D3 pins
tIH(SDSI)
2—
ns
Output data delay time for SDSI_CMD and SDSI_D0
to SDSI_D3 pins (default speed mode)
tODLY(SDSI)
0
14
ns
Figure 2.84
Output data delay time for SDSI_CMD and SDSI_D0
to SDSI_D3 pins (high speed mode)
2.5
14
ns
Figure 2.85
SDSI_CLK input
SDSI_CMD, SDSI_D3 to SDSI_D0 input
tWL(SDSI)
tWH(SDSI)
tPP(SDSI)
tISU(SDSI) tIH(SDSI)
tTLH(SDSI)
tTHL(SDSI)
VIH
VIL
VIL
VIL
VIH
VIH
50% VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com