Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 165Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 166Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 167Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 168Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 169Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 170Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 169 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.10
Oscillation Stop Detection Timing
Figure 2.94
Oscillation Stop Detection Timing
Table 2.55
Oscillation Stop Detection Circuit Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Detection time
tdr
—
—
1
ms
Figure 2.94
tdr
Main clock or
PLL clock
OSTDSR.OSTDF
LOCO clock
ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com