Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 166Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 167Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 168Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 169Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 170Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 170 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.11
Battery Backup Function Characteristics
Note:
The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the
voltage level for switching to battery backup (VDETBATT).
Figure 2.95
Battery Backup Function Characteristics
Table 2.56
Battery Backup Function Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
VBATT = 1.62 to 3.6 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Voltage level for switching to battery backup
VDETBATT
2.50
2.60
2.70
V
Figure 2.95
Lower-limit VBATT voltage for power supply switching due to
VCC voltage drop
VBATTSW
2.70
—
—
VCC-off period for starting power supply switching
tVOFFBATT
200
—
—
µs
VBATT
VCC
VDETBATT
VBATTSW
tVOFFBATT
VBATT
Switching prohibited
VBATT
Switching prohibited
VCC supply
VCC supply
VBATT supply
VCC voltage
guaranteed range
VBATT voltage
guaranteed range
Backup power
area
The VBATT voltage when the supplied power source switches from Vcc to VBATT should not be lower than VBATTSW,
the lower-limit VBATT voltage for switching between power supplies due to a drop in the VCC voltage.
Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com