Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 170Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 174Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 175Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 176Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 177Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 174 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.13
Boundary Scan
Figure 2.97
Boundary Scan TCK Timing
Figure 2.98
Boundary Scan TRST# Timing
Table 2.59
Boundary Scan Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
TCK clock cycle time
tTCKcyc
100
—
—
ns
Figure 2.97
TCK clock high pulse width
tTCKH
45
—
—
ns
TCK clock low pulse width
tTCKL
45
—
—
ns
TCK clock rise time
tTCKr
——
5
ns
TCK clock fall time
tTCKf
——
5
ns
TRST# pulse width
tTRSTW
20
—
—
tTCKcyc Figure 2.98
TMS setup time
tTMSS
20
—
—
ns
Figure 2.99
TMS hold time
tTMSH
20
—
—
ns
TDI setup time
tTDIS
20
—
—
ns
TDI hold time
tTDIH
20
—
—
ns
TDO data delay time
tTDOD
—
—
40
ns
TCK
tTCKcyc
tTCKH
tTCKf
tTCKL
tTCKr
RES#
TRST#
TCK
tTRSTW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com