Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 174Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 175Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 176Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 177Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 178Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 179Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 176 of 188
Oct 31, 2023
RX65N Group, RX651 Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation website.
Figure A 177-Pin TFLGA (PTLG0177KA-A)
e
S
B
A
R
P
15
14
13
12
11
10
9
N
M
L
K
J
Index mark
(Laser mark)
x4
v
AB
S
AB
S
y
S
8
7
6
5
4
3
2
1
B
C
D
E
F
G
H
A
A
w S
ZD
A
D
PTLG0177KA-A
177F0E-A
0.2g
P-TFLGA177-8x8-0.50
0.15
v
0.20
w
0.08
0.39
0.34
0.29
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
8.0
D
8.0
E
1.05
A
x
0.5
e
0.08
y
b1
b
0.21
0.25
0.29
0.5
ZD
ZE
0.5
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
φ b1
φ b
φ × M
φ × M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com