| Electronic Components Datasheet Search |
|
R5F5651EDDFM Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 35 of 188 Oct 31, 2023 Note: Note the following regarding pin names. For details, see section 1.5, Pin Assignments. - When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in combination with the pins in the same group. All RSPI, QSPI, SDHI, MMC, GLCDC AC timings are measured in combination with the pins in the same group. - When the pin functions have “-DS” appended to their names, they can also be used as triggers for release from deep software standby. - RIIC pin functions that have [FM+] appended to their names support fast-mode plus. I/O ports P00 to P03, P05, P07 I/O 6-bit input/output pins P10 to P17 I/O 8-bit input/output pins P20 to P27 I/O 8-bit input/output pins P30 to P37 I/O 8-bit input/output pins (P35: input pin) P40 to P47 I/O 8-bit input/output pins P50 to P57 I/O 8-bit input/output pins P60 to P67 I/O 8-bit input/output pins P70 to P77 I/O 8-bit input/output pins P80 to P87 I/O 8-bit input/output pins P90 to P97 I/O 8-bit input/output pins PA0 to PA7 I/O 8-bit input/output pins PB0 to PB7 I/O 8-bit input/output pins PC0 to PC7 I/O 8-bit input/output pins PD0 to PD7 I/O 8-bit input/output pins PE0 to PE7 I/O 8-bit input/output pins PF0 to PF5 I/O 6-bit input/output pins PG0 to PG7 I/O 8-bit input/output pins PJ0 to PJ3, PJ5 I/O 5-bit input/output pins Table 1.4 Pin Functions (8/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |