Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 86Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 87Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 88Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 89Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 90Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 91Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 92Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 93Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 90 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.2
Recommended Operating Conditions
Note 1. Comply with the following potential condition: VCC = AVCC0 = AVCC1 = VCC_USB
Note 2. The low CL crystal unit cannot be used when the VBATT voltage is less than 2.0 V.
Note 3. For details, see section 53.6.11, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 4. P07, P11 to P17, P20, P21, P30 to P33, P67, and PC0 to PC3 are 5 V tolerant.
Note 5. For P30, P31, and P32, input as follows when the VBATT power supply is selected.
Vin Min. = –0.3, Max. = VBATT + 0.3 (VBATT = 1.62 to 3.6 V)
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 0.22 μF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.2
Recommended Operating Conditions (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage*1
VCC
2.7
—
3.6
V
VSS
—
0
—
VBATT power supply voltage
VBATT
1.62*2
—3.6
V
USB power supply voltage
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
Analog power supply voltage*1, *3
AVCC0
—
VCC
—
V
AVSS0
—
0
—
AVCC1
—
VCC
—
AVSS1
—
0
—
VREFH0
2.7
—
AVCC0
VREFL0
—
0
—
Input voltage (except for 5 V tolerant ports,
except for P03, P05, and P40 to P47)*4
Vin
–0.3
—
VCC + 0.3
V
Input voltage (P03, P05, and P40 to P47)
Vin
–0.3
—
AVCC0 + 0.3
V
Input voltage (5V tolerant: P11 to P17, P20, P21, P30
to P33, P67, and PC0 to PC3)*5
Vin
–0.3
—
VCC + 3.6 (up to 5.5)
V
Input voltage (5V tolerant: P07)
Vin
–0.3
—
AVCC0 + 3.6 (up to 5.5)
V
Operating temperature (D version)
Topr
–40
—
85
°C
Operating temperature (G version)
Topr
–40
—
105
°C
Table 2.3
Recommended Operating Conditions (2)
Item
Symbol
Value
Decoupling capacitance for stabilizing the internal voltage
CVCL
0.22 μF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com