Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 88Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 89Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 90Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 91Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 92Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 93Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 94Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 95Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 92 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
Note 1. The input leakage current value at the EMLE and BSCANP pins are only when Vin = 0 V.
Table 2.5
DC Characteristics (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
High level output
voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Low level output
voltage
All output pins
(except for RIIC pins and
ETHERC output pin)
VOL
——
0.5
V
IOL = 1.0 mA
RIIC output pin
—
—
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RIIC output pin
(only P12 and P13 in channel 0)
VOL
——
0.4
V
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4
—
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC output pin
VOL
——
0.4
V
IOL = 1.0 mA
Input leakage current RES#, MD pin, EMLE*1,
BSCANP*1, NMI
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Vin = 0 V
Vin = 5.5 V
Input pull-up resistor
current
Other than P35
Ip
–300
—
–10
µA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input pull-down
resistor current
EMLE, BSCANP
Ip
10
—
300
µA
Vin = VCC
Input capacitance
All input pins
(except for P03, P05, P12, P13,
P16, P17, P20, P21, EMLE,
BSCANP, USB0_DP, and
USB0_DM)
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
P03, P05, P12, P13, P16, P17,
P20, P21, EMLE, BSCANP,
USB0_DP, and USB0_DM
——
16
Output voltage of the VCL pin
VCL
—1.18—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com