Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1H Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RZ/A1H
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1H Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/A1H Datasheet HTML 4Page - Renesas Technology Corp RZ/A1H Datasheet HTML 5Page - Renesas Technology Corp RZ/A1H Datasheet HTML 6Page - Renesas Technology Corp RZ/A1H Datasheet HTML 7Page - Renesas Technology Corp RZ/A1H Datasheet HTML 8Page - Renesas Technology Corp RZ/A1H Datasheet HTML 9Page - Renesas Technology Corp RZ/A1H Datasheet HTML 10Page - Renesas Technology Corp RZ/A1H Datasheet HTML 11Page - Renesas Technology Corp RZ/A1H Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 8 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
Display out comparison unit
 Two channels
 Calculates the CRC code of an arbitrary graphics plane and compares it with the pre-calculated CRC
code.
 Specifies a rectangular area in an arbitrary graphics plane selected from among four graphics
planes, one plane of the graphics data obtained after α blending, or one plane of the data read from
the output video image generator of the video display controller 5.
 Pixel format
32 bits/pixel: ARGB8888/RGB888/RGB666
16 bits/pixel: RGB565
Renesas graphics processor
for OpenVGTM
 OpenVGTM, which is an open 2D vector graphics API, can be processed.
 Processes can be accelerated in OpenVGTM stage 2 to stage 8 using the dedicated hardware and
programmable shader.
JPEG codec unit
 Compression and decompression method conforming to the JPEG baseline standard within the
range described in this document.
 Operational precision: Conforming to JPEG Part 2, ISO-IEC10918-2
 Pixel format:
Compression: YCbCr422
Decompression: YCbCr444, YCbCr422, YCbCr411, YCbCr420
Output pixel format to the buffer: YCbCr422, ARGB8888, RGB565
 Four quantization tables provided
 Four Huffman tables provided (two tables for AC coefficients and two tables for DC coefficients)
 Markers supported: SOI, SOF0, SOS, DQT, DHT, DRI, RSTm, and EOI
 Image data rate: Max. 133.33 Mbytes/s (at 66.67-MHz operation)
Capture engine unit
 Examples of input video image size :
5 megapixels (2,560 × 1,920)
3 megapixels (2,048 × 1,536)
2 megapixels (1,632 × 1,224)
UXGA (1,600 × 1,200)
SXGA (1) (1,280 × 1,024)
SXGA (2) (1,280 × 960)
WXGA (1,280 × 768)
XGA (1,024 × 768)
SVGA (800 × 600)
WVGA (800 × 480)
VGA (640 × 480)
WQVGA (480 × 240)
QVGA (320 × 240, 240 × 320)
Note: Depends on the AC characteristics of the connected device, frame rate of the connected
device, and transfer speed to the destination RAM.
 Input format: 8- or 16-bit YCbCr422 binary data
 Memory output format: YCbCr422, YCbCr420
Note: The captured data cannot be displayed via the video display controller 5 because the Y data
and CbCr data are split when written to memory.
Pixel format converter
 Two channels
 Brightness adjustment, gain adjustment, and YCbCr and RGB mutual conversion.
 Input pixel data: RGB888, RGB565, YCbCr422
 Output pixel data: ARGB8888, RGB565, YCbCr422
Sound generator
 Four channels
 Capable of adjusting sound volume using 8-bit PWM output
 Four types of operating clocks (P0φ/2, P0φ/4, P0φ/8, and P0φ/16) can be selected.
 Frequency settings in the 25-Hz to 20-kHz range with precision of 1% or less
 Automatic attenuator function can be selected.
SD host interface
 Two channels
 SD memory I/O card interface (1-/4-bit SD bus)
 Error check function: CRC7 (command), CRC16 (data)
 Interrupt requests
—Card access interrupt
—SDIO access interrupt
—Card detect interrupt
 DMA transfer requests
—SD_BUF write
—SD_BUF read
 Card detection function, write protect supported
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com