Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1H Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/A1H
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1H Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/A1H Datasheet HTML 5Page - Renesas Technology Corp RZ/A1H Datasheet HTML 6Page - Renesas Technology Corp RZ/A1H Datasheet HTML 7Page - Renesas Technology Corp RZ/A1H Datasheet HTML 8Page - Renesas Technology Corp RZ/A1H Datasheet HTML 9Page - Renesas Technology Corp RZ/A1H Datasheet HTML 10Page - Renesas Technology Corp RZ/A1H Datasheet HTML 11Page - Renesas Technology Corp RZ/A1H Datasheet HTML 12Page - Renesas Technology Corp RZ/A1H Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 9 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
MMC host interface
 Interface to multi-media card (MMC)
 Data bus: 1-/4-/8-bit MMC mode
 Interrupt requests: card detection, error/time-out, and normal operation
 DMA transfer requests: CE_DATA write and CE_DATA read
 Card detection function
General I/O ports
 256-pin: 115 I/Os, 8 inputs with open-drain outputs, and 16 inputs (input only)
 324-pin: 147 I/Os, 8 inputs with open-drain outputs, and 16 inputs (input only)
 Input or output can be selected for each bit.
A/D converter
 12-bit resolution
 Eight input channels
 Minimum conversion time: 5.0 μs
 A/D conversion request by the external trigger or timer trigger
Motor control PWM timer
 Two 10-bit PWM channels, each with eight outputs
Debugging interface
 Arm CoreSightTM architecture
 JTAG-standard pin assignment
On-chip RAM
 10-Mbyte (RZ/A1H) or 5-Mbyte (RZ/A1M) large capacity memory for video display/recording and
work (128 Kbytes are used for data retention)
 128-Kbyte memory for data retention
(16 Kbytes × 2, 32 Kbytes × 1, 64 Kbytes × 1)
Boot modes
 Five boot modes
Boot mode 0: Booting from memory (bus width: 16 bits) connected to the CS0 space
Boot mode 1: Booting from memory (bus width: 32 bits) connected to the CS0 space
Boot mode 2: —
Boot mode 3: Booting from a serial flash memory
Boot mode 4: Booting from a NAND flash memory with SD controller
Boot mode 5: Booting from a NAND flash memory with MMC controller
Power supply voltage
 Vcc: 1.10 to 1.26 V
 PVcc: 3.0 to 3.6 V
Package
 PLBG0256KA-B
256-pin BGA, 11-mm square, 0.5-mm pitch
JEITA package code: P-LFBGA256-11×11-0.50
RENESAS code: PLBG0256KA-B
 PLQP0256LB-A
256-pin QFP, 28-mm square, 0.4-mm pitch
JEITA package code: P-LFQFP256-28×28-0.40
RENESAS code: PLQP0256LB-A
 PRBG0324GA-A
324-pin BGA, 19-mm square, 0.8-mm pitch
JEITA package code: P-FBGA324-19×19-0.80
RENESAS code: PRBG0324GA-A
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com