Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/A1H Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/A1H
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1H Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/A1H Datasheet HTML 1Page - Renesas Technology Corp RZ/A1H Datasheet HTML 2Page - Renesas Technology Corp RZ/A1H Datasheet HTML 3Page - Renesas Technology Corp RZ/A1H Datasheet HTML 4Page - Renesas Technology Corp RZ/A1H Datasheet HTML 5Page - Renesas Technology Corp RZ/A1H Datasheet HTML 6Page - Renesas Technology Corp RZ/A1H Datasheet HTML 7Page - Renesas Technology Corp RZ/A1H Datasheet HTML 8Page - Renesas Technology Corp RZ/A1H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 1 of 137
Dec. 25, 2024
Datasheet
RZ/A1H Group, RZ/A1M Group
Features
This LSI has following features.
■ CPU (Arm® Cortex®-A9)
Operating frequency: 400 MHz
Single-precision/double-precision FPU
Arm® NEON™
■ On-chip memory
10 MB (RZ/A1H)
5 MB (RZ/A1M)
■ Main graphics and camera input functions
Video display controller (VDC5): 2 channels
LCD output: Max. WXGA
Screen superimposition: 4 layers
Video input: Max. XGA (CVBS analog input supported)
CMOS camera input (CEU): 1 channel
PAL/NTSC decoder (DVDEC): 2 channels
Distortion compensation unit (IMR): 1 channel
Open VG accelerator: 1 channel
JPEG coding engine: 1 channel
■ Main memory interface functions
NOR flash, SDRAM, NAND flash
QSPI serial flash: 2 channels (ability to run stored programs directly)
SD host interface: 2 channels
MMC host interface: 1 channel
■ Main communication functions
USB 2.0 High Speed: 2 channels (Host/Function switchable)
10M/100M EtherMAC: 1channel
SCIF: 8 channels
I2C: 4 channels
SSI: 6 channels
RSPI: 5 channels
Ethernet AVB: 1 channel
CAN: 5 channels
R01DS0479EJ0100
Rev.1.00
Dec. 25, 2024


Similar Part No. - RZ/A1H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/A1H RENESAS-RZ/A1H Datasheet
437Kb / 2P
RTOS-Based MPU Introduction to Renesas RZ/A Series
2022.8
More results

Similar Description - RZ/A1H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
GR-MANGO RENESAS-GR-MANGO Datasheet
1Mb / 32P
GR-MANGO is the Gadget Renesas board for the Renesas RZ familys RZ/A2M group of microprocessors (MPU) products
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com