Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFM Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 111Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 112Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 113Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 114Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 115Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 116Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 117Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 118Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 115 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.6
EXDMAC Timing
Figure 2.31
EDREQ0 and EDREQ1 Input Timing
Figure 2.32
EDACK0 and EDACK1 Single-Address Transfer Timing (for a CS Area)
Figure 2.33
EDACK0 and EDACK1 Single-Address Transfer Timing (for SDRAM)
Table 2.27
EXDMAC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
ICLK = PCLKA = 8 to 120 MHz, PCLKB = BCLK = SDCLK = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
EXDMAC
EDREQ setup time
tEDRQS
13
—
ns
Figure 2.31
EDREQ hold time
tEDRQH
2—
ns
EDACK delay time
tEDACD
—
13
ns
Figure 2.32,
Figure 2.33
BCLK pin
tEDRQS tEDRQH
EDREQ0,
EDREQ1
EDACK0,
EDACK1
tEDACD
BCLK pin
tEDACD
EDACK0,
EDACK1
tEDACD
BCLK pin
tEDACD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com