Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFM Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 159Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 160Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 161Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 162Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 165Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 163 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.12
Flash Memory Characteristics
Note 1. Definition of program/erase cycle:
The program/erase cycle is the number of erasing for each block. When the number of program/erase cycles is n, each block
can be erased n times. For instance, when 128-byte program is performed 64 times for different addresses in 8-Kbyte block and
then the block is erased, the program/erase cycle is counted as one. However, the same address cannot be programmed more
than once before the next erase cycle (overwriting is prohibited).
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.61
Code Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
FCLK = 15 MHz
20 MHz ≤ FCLK ≤ 60
MHz
Unit
Test
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC ≤ 100 times
128 bytes
tP128
—
0.75
13.2
—
0.38
6.6
—
0.34
6
ms
8 Kbytes
tP8K
—
49
176
—
25
88
—
22
80
ms
32 Kbytes
tP32K
—
194
704
—
97
352
—
88
320
ms
Programming time
NPEC > 100 times
128 bytes
tP128
—
0.91
15.8
—
0.46
8
—
0.41
7.2
ms
8 Kbytes
tP8K
—
60
212
—
30
106
—
27
96
ms
32 Kbytes
tP32K
—
234
848
—
117
424
—
106
384
ms
Erasure time
NPEC ≤ 100 times
8 Kbytes
tE8K
—
78
216
—
48
132
—
43
120
ms
32 Kbytes
tE32K
—
283
864
—
173
528
—
157
480
ms
Erasure time
NPEC > 100 times
8 Kbytes
tE8K
—
94
260
—
58
158
—
52
144
ms
32 Kbytes
tE32K
—
341
1040
—
208
632
—
189
576
ms
Reprogramming/erasure
cycle*1
NPEC
10000
*2
—
—
10000
*2
—
—
10000
*2
——
Times
Suspend delay time during
programming
tSPD
—
—
264
—
—
132
—
—
120
µs
First suspend delay time during
erasing
(in suspend priority mode)
tSESD1
—
—
216
—
—
132
—
—
120
µs
Second suspend delay time
during erasure
(in suspend priority mode)
tSESD2
—
—
1.7
—
—
1.7
—
—
1.7
ms
Suspend delay time during
erasure
(in erasure priority mode)
tSEED
—
—
1.7
—
—
1.7
—
—
1.7
ms
Forced stop command
tFD
—
—
32
—
—
22
—
—
20
µs
Data hold time*3, *4
tDRP
20
—
—
20
—
—
20
—
—
Year Ta ≤ 85°C
10
—
—
10
—
—
10
—
—
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com